Electronic Components Datasheet Search
  English  ▼

X  

A3P030 Datasheet(PDF) 148 Page - Microsemi Corporation

Part # A3P030
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030 Datasheet(HTML) 148 Page - Microsemi Corporation

Back Button A3P030 Datasheet HTML 144Page - Microsemi Corporation A3P030 Datasheet HTML 145Page - Microsemi Corporation A3P030 Datasheet HTML 146Page - Microsemi Corporation A3P030 Datasheet HTML 147Page - Microsemi Corporation A3P030 Datasheet HTML 148Page - Microsemi Corporation A3P030 Datasheet HTML 149Page - Microsemi Corporation A3P030 Datasheet HTML 150Page - Microsemi Corporation A3P030 Datasheet HTML 151Page - Microsemi Corporation A3P030 Datasheet HTML 152Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 210 page
background image
Package Pin Assignments
4- 32
R e v i sio n 1 5
109
TRST
110
VJTAG
111
GDA0/IO60VDB1
112
GDA1/IO60UDB1
113
GDB0/IO59VDB1
114
GDB1/IO59UDB1
115
GDC0/IO58VDB1
116
GDC1/IO58UDB1
117
IO57VDB1
118
IO57UDB1
119
IO56NDB1
120
IO56PDB1
121
IO55RSB1
122
GND
123
VCCIB1
124
NC
125
NC
126
VCC
127
IO53NDB1
128
GCC2/IO53PDB1
129
GCB2/IO52PSB1
130
GND
131
GCA2/IO51PSB1
132
GCA1/IO50PDB1
133
GCA0/IO50NDB1
134
GCB0/IO49NDB1
135
GCB1/IO49PDB1
136
GCC0/IO48NDB1
137
GCC1/IO48PDB1
138
IO47NDB1
139
IO47PDB1
140
VCCIB1
141
GND
142
VCC
143
IO46RSB1
144
IO45NDB1
PQ208
Pin Number
A3P250 Function
145
IO45PDB1
146
IO44NDB1
147
IO44PDB1
148
IO43NDB1
149
GBC2/IO43PDB1
150
IO42NDB1
151
GBB2/IO42PDB1
152
IO41NDB1
153
GBA2/IO41PDB1
154
VMV1
155
GNDQ
156
GND
157
NC
158
GBA1/IO40RSB0
159
GBA0/IO39RSB0
160
GBB1/IO38RSB0
161
GBB0/IO37RSB0
162
GND
163
GBC1/IO36RSB0
164
GBC0/IO35RSB0
165
IO34RSB0
166
IO33RSB0
167
IO32RSB0
168
IO31RSB0
169
IO30RSB0
170
VCCIB0
171
VCC
172
IO29RSB0
173
IO28RSB0
174
IO27RSB0
175
IO26RSB0
176
IO25RSB0
177
IO24RSB0
178
GND
179
IO23RSB0
180
IO22RSB0
PQ208
Pin Number
A3P250 Function
181
IO21RSB0
182
IO20RSB0
183
IO19RSB0
184
IO18RSB0
185
IO17RSB0
186
VCCIB0
187
VCC
188
IO16RSB0
189
IO15RSB0
190
IO14RSB0
191
IO13RSB0
192
IO12RSB0
193
IO11RSB0
194
IO10RSB0
195
GND
196
IO09RSB0
197
IO08RSB0
198
IO07RSB0
199
IO06RSB0
200
VCCIB0
201
GAC1/IO05RSB0
202
GAC0/IO04RSB0
203
GAB1/IO03RSB0
204
GAB0/IO02RSB0
205
GAA1/IO01RSB0
206
GAA0/IO00RSB0
207
GNDQ
208
VMV0
PQ208
Pin Number
A3P250 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com