Electronic Components Datasheet Search
  English  ▼

X  

F00257 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # F00257
Description  N-CHANNEL MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

F00257 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  F00257 Datasheet HTML 1Page - Solid States Devices, Inc F00257 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLID STATE DEVICES, INC.
SFF75N05M
SFF75N05Z
FEATURES:
DATA SHEET #: F00257E
MAXIMUM RATINGS
• Advanced high-cell density withstands high energy
• Very low conduction and switching losses
• Fast recovery drain-to-source diode with soft recovery
• Rugged construction with poly silicon gate
• Ultra low RDS (on) and high transconductance
• Excellent high temperature stability
• Very fast switching speed
• Fast recovery and superior dv/dt performance
• Increased reverse energy capability
• Low input and transfer capacitance for easy paralleling
• Hermetically sealed package
• TX, TXV and Space Level screening available
75 AMP
50 VOLTS
15m
Ω
Ω
Ω
Ω
Ω
N-CHANNEL
MOSFET
DESIGNER'S DATA SHEET
NOTE: All specifications are subject to change without notification.
SCDs for these devices should be reviewed by SSDI prior to release.
VDG
5 0
Volts
Drain to Gate Voltage (RGS = 1.0 m
Ω)
Ω)
Ω)
Ω)
Ω)
ID
561/
46
Continuous Drain Current
Drain to Source Voltage
VDS
50
Amps
Volts
Thermal Resistance, Junction to Case
R0JC
Top & Tstg
-55 to +175
Operating and Storage Temperature
oC
oC/W
1
CHARACTERISTIC
SYMBOL
VALUE
UNIT
Watts
Total Device Dissipation
PD
150
120
@ TC = 25oC
@ TC = 55oC
TO-254Z (Z)
TO-254 (M)
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
CASE OUTLINE: TO-254Z (Sufix Z)
CASE OUTLINE: TO-254 (Sufix M)
Available with Glass or Ceramic Seals. Contact Facory for details.
Gate to Source Voltage
VGS
+ 20
Volts
Pin Out:
Pin 1: Drain
Pin 2: Source
Pin 3: Gate
Pin Out:
Pin 1: Drain
Pin 2: Source
Pin 3: Gate
@TC=25oC
@TC=100oC


Similar Part No. - F00257

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
F00257 SSDI-F00257_15 Datasheet
54Kb / 2P
N-CHANNEL MOSFET
More results

Similar Description - F00257

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com