Electronic Components Datasheet Search
  English  ▼

X  

HSMS-270C Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-270C
Description  High Performance Schottky Diode for Transient Suppression
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-270C Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-270C Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-270C Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Absolute Maximum Ratings, TA= 25ºC
Symbol
Parameter
Unit
Absolute Maximum[1]
HSMS-2700/-2702
HSMS-270B/270C/270P
IF
DC Forward Current
mA
350
750
IF-peak
Peak Surge Current (1μs pulse)
A
1.0
1.0
PT
Total Power Dissipation
mW
250
825
PINV
Peak Inverse Voltage
V
15
15
TJ
Junction Temperature
°C
150
150
TSTG
Storage Temperature
°C
-65 to 150
-65 to 150
θJC
Thermal Resistance, junction to lead
°C/W
500
150
Note:
1.
Operation in excess of any one of these conditions may result in permanent damage to the device.
Linear and Non-linear SPICE Model
Parameter
Unit
Value
BV
V
25
CJO
pF
6.7
EG
eV
0.55
IBV
A
10E-4
IS
A
1.4E-7
N
1.04
RS
Ω
0.65
PB
V
0.6
PT
2
M
0.5
SPICE Parameters
RS
0.08 pF
SPICE model
2 nH



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com