Electronic Components Datasheet Search
  English  ▼

X  

NJM4580 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # NJM4580
Description  DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NJM4580 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  NJM4580 Datasheet HTML 1Page - List of Unclassifed Manufacturers NJM4580 Datasheet HTML 2Page - List of Unclassifed Manufacturers NJM4580 Datasheet HTML 3Page - List of Unclassifed Manufacturers NJM4580 Datasheet HTML 4Page - List of Unclassifed Manufacturers NJM4580 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NJM4580
- 4 -
Ver.2012-09-14
■ TYPICAL CHARACTERISTICS
Maximum Output Voltage vs. Temperature
V
+/V-=±15V, R
L=2kΩ
-15
-10
-5
0
5
10
15
-50
-25
0
25
50
75
100
125
Ambient Temperature [ºC]
+VOM
-VOM
Input Offset Voltage vs. Temperature
V
+/V-=±15V
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
-50
-25
0
25
50
75
100
125
Ambient Temperature [ºC]
Input Bias Current vs. Temperature
V
+/V-=±15V
0
50
100
150
200
250
300
350
400
450
-50
-25
0
25
50
75
100
125
Ambient Temperature [ºC]
Supply Current vs. Supply Voltage
Ta=25ºC
0
1
2
3
4
5
6
7
0
±2±4±6±8 ±10 ±12 ±14 ±16 ±18
Supply Voltage V
+/V- [V]
Supply Current vs. Temperature
V
+/V-=±15V
0
2
4
6
8
10
12
-50
-25
0
25
50
75
100
125
Ambient Temperature [ºC]
Maximum Output Voltage vs. Supply Voltage
RL=2kΩ, Ta=25ºC
-18
-12
-6
0
6
12
18
0
±2±4±6±8 ±10 ±12 ±14 ±16 ±18
Supply Voltage V
+/V- [V]
+VOM
-VOM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com