Electronic Components Datasheet Search
  English  ▼

X  

LM2595 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM2595
Description  SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2595 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2595 Datasheet HTML 17Page - Texas Instruments LM2595 Datasheet HTML 18Page - Texas Instruments LM2595 Datasheet HTML 19Page - Texas Instruments LM2595 Datasheet HTML 20Page - Texas Instruments LM2595 Datasheet HTML 21Page - Texas Instruments LM2595 Datasheet HTML 22Page - Texas Instruments LM2595 Datasheet HTML 23Page - Texas Instruments LM2595 Datasheet HTML 24Page - Texas Instruments LM2595 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
LM2595
www.ti.com
SNVS122B – MAY 1999 – REVISED APRIL 2013
Solid tantalum capacitors have a much better ESR spec for cold temperatures and are recommended for
temperatures below
−25°C.
Figure 27. Capacitor ESR vs Capacitor Voltage Rating (Typical Low ESR Electrolytic Capacitor)
CATCH DIODE
Buck regulators require a diode to provide a return path for the inductor current when the switch turns off. This
must be a fast diode and must be located close to the LM2595 using short leads and short printed circuit traces.
Because of their very fast switching speed and low forward voltage drop, Schottky diodes provide the best
performance, especially in low output voltage applications (5V and lower). Ultra-fast recovery, or High-Efficiency
rectifiers are also a good choice, but some types with an abrupt turnoff characteristic may cause instability or
EMI problems. Ultra-fast recovery diodes typically have reverse recovery times of 50 ns or less. Rectifiers such
as the 1N5400 series are much too slow and should not be used.
Figure 28. Capacitor ESR Change vs Temperature
INDUCTOR SELECTION
All switching regulators have two basic modes of operation; continuous and discontinuous. The difference
between the two types relates to the inductor current, whether it is flowing continuously, or if it drops to zero for a
period of time in the normal switching cycle. Each mode has distinctively different operating characteristics,
which can affect the regulators performance and requirements. Most switcher designs will operate in the
discontinuous mode when the load current is low.
The LM2595 (or any of the Simple Switcher family) can be used for both continuous or discontinuous modes of
operation.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2595



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com