Electronic Components Datasheet Search
  English  ▼

X  

PA3813 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PA3813
Description  High-grade, hardened steel frame offers superior performance and durability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA3813 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PA3813 Datasheet HTML 1Page - List of Unclassifed Manufacturers PA3813 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Simplicity at its Best
PA8100 Series
Greenlee is proud to announce the Jack Terminator™. This patented
product allows professionals to significantly reduce the time it takes
to terminate Cat5e and Cat6 communication cables into standard
wall jacks. In one simple action, 4 pairs of wires are terminated and
the built-in blades cut off the excess wire, eliminating the need for a
secondary trim step. It’s just another example of how Greenlee makes a
professional wire and cable installer’s job faster, safer and easier.
www.greenlee.com
Jack Terminator™


Similar Part No. - PA3813

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA38 MACOM-PA38 Datasheet
369Kb / 2P
Cascadable Amplifier 200 to 2000 MHz
logo
M/A-COM Technology Solu...
PA38 MA-COM-PA38 Datasheet
1Mb / 2P
Cascadable Amplifier 200 to 2000 MHz
PA38 MA-COM-PA38 Datasheet
1Mb / 2P
Cascadable Amplifier
PA38 MA-COM-PA38 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
Tyco Electronics
PA38-2 MACOM-PA38-2 Datasheet
104Kb / 1P
200 TO 2600 MHz CASCADABLE AMPLIFIER
More results

Similar Description - PA3813

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
OR3005230W PDI-OR3005230W Datasheet
159Kb / 4P
Superior return loss performance
OS10040280G PDI-OS10040280G Datasheet
161Kb / 5P
Superior return loss performance
logo
Omron Electronics LLC
E6C3 OMRON-E6C3 Datasheet
339Kb / 20P
An Encoder That Offers Durability and Convenience
E3Z-D61 OMRON-E3Z-D61 Datasheet
486Kb / 15P
Compact Sensor Offers Long Sensing Distance and Superior Noise-Immunity
logo
RF Micro Devices
RFOS601X RFMD-RFOS601X Datasheet
351Kb / 4P
Superior Return Loss Performance
logo
TT Electronics.
CAR TTELEC-CAR Datasheet
310Kb / 3P
Superior moisture performance
SON TTELEC-SON Datasheet
572Kb / 4P
Superior temperature performance
logo
TXC Corporation.
AX-SERIES TXC-AX-SERIES Datasheet
974Kb / 1P
Superior and reliable performance in harsh environment.
AY-SERIES TXC-AY-SERIES Datasheet
970Kb / 1P
Superior performance and stringent reliability in harsh environment.
logo
ams AG
GWPULTA1.CM AMSCO-GWPULTA1.CM Datasheet
1Mb / 25P
High-power LED with high performance, superior robustness and long lifetime.
Version 1.4 2022-08-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com