Electronic Components Datasheet Search
  English  ▼

X  

PA8112 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PA8112
Description  High-grade, hardened steel frame offers superior performance and durability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA8112 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PA8112 Datasheet HTML 1Page - List of Unclassifed Manufacturers PA8112 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features
• High-grade,hardenedsteelframeofferssuperiorperformanceanddurability.
• Ratchetedactiontoensureproper,consistenttermination.
• Adjustmentfeatureforextraleverageapplications.
• Quick-changepunchsetsrequirenotools.
• Removablejackcradleallowsforalternatelacingoption.
• Punchheadscanbepurchasedseparately.
• Rubber-embeddedhandlesprovideextracomfort.
• ForusewithModularJackslistedbelowincludingCommScope® (Systimax®, Uniprise®),Leviton®,
OCC®,HellermannTyton®,Hubbell® PremiseWiringandLegrand® (Ortronics®).
• LifetimeWarranty(crimperframeonly).
Specifications
Order Information
DISTRIBUTED BY:
www.greenlee.com • MA-5553 rev. 04/2011
4455BoeingDrive•Rockford,IL61109-2988•USA•815-397-7070
©2011GreenleeTextronInc.•AnISO9001Company•PrintedinUSA
Greenlee Textron Inc. is a subsidiary of Textron Inc.
Cat. No.
DESCRIPtIoN
JaCk ComPabIlIty
Qty.
PA8100
Jack Terminator™CrimperFrame
PunchdownHeadSetnotIncluded
1
PA8105
Jack Terminator™withPunchdownHead-Set
Systimax®-MPS100E,Uniprise®UNJ600/500
1
PA3711
ReplacementPunchdownHead-Set
Systimax®-MPS100E,Uniprise®UNJ600/500
1
PA3811
ReplacementPunchHeadOnly
Systimax®-MPS100E,Uniprise®UNJ600/500
1
PA8106
Jack Terminator™withPunchdownHead-Set
Systimax®-MGS400,MGS500,MGS600
1
PA3712
ReplacementPunchdownHead-Set
Systimax®-MGS400,MGS500,MGS600
1
PA3812
ReplacementPunchHeadOnly
Systimax®-MGS400,MGS500,MGS600
1
PA8107
Jack Terminator™withPunchdownHead-Set
Leviton® -41106,41108,5G108
1
PA3713
ReplacementPunchdownHead-Set
Leviton®-41106,41108,5G108
1
PA3813
ReplacementPunchHeadOnly
Leviton®-41106,41108,5G108
1
PA8108
Jack Terminator™withPunchdownHead-Set
Leviton®-61110,5G110,6110G
1
PA3714
ReplacementPunchdownHead-Set
Leviton®-61110,5G110,6110G
1
PA3814
ReplacementPunchHeadOnly
Leviton®-61110,5G110,6110G
1
PA8109
Jack Terminator™withPunchdownHead-Set
OCC®-KMJA5E,KMJA6,K6A
1
PA3715
ReplacementPunchdownHead-Set
OCC®-KMJA5E,KMJA6,K6A
1
PA3815
ReplacementPunchHeadOnly
OCC®-KMJA5E,KMJA6,K6A
1
PA8110
Jack Terminator™withPunchdownHead-Set
HellermannTyton®-RJ45FC5E,RJ45FC6
1
PA3716
ReplacementPunchdownHead-Set
HellermannTyton®-RJ45FC5E,RJ45FC6
1
PA3816
ReplacementPunchHeadOnly
HellermannTyton®-RJ45FC5E,RJ45FC6
1
PA8111
Jack Terminator™withPunchdownHead-Set
Hubbell®-HXJSeries
1
PA3717
ReplacementPunchdownHead-Set
Hubbell®-HXJSeries
1
PA3817
ReplacementPunchHeadOnly
Hubbell®-HXJSeries
1
PA8112
Jack Terminator™withPunchdownHead-Set
Ortronics®-TJ5E00,TJ600,TJ610
1
PA3718
ReplacementPunchdownHead-Set
Ortronics®-TJ5E00,TJ600,TJ610
1
PA3818
ReplacementPunchHeadOnly
Ortronics®-TJ5E00,TJ600,TJ610
1
SPECIFICATIONS
PA8100
GENERAL JACK TERMINATOR™
WITH PUNCH DOWN HEAD-SET
GENERAL PUNCHDOWN
HEAD-SET
GENERAL PUNCH HEAD ONLY
LENGTH
9.6”(245mm)
9.75”(248mm)
1.6”(40mm)
1”(26mm)
HEIGHT
3.25”(80mm)
4”(102mm)
4”(102mm)
2.1”(55mm)
WIDTH
1.25”(32mm)
1.25”(32mm)
1.25”(32mm)
1.25”(32mm)
WEIGHT
1.25lbs(575g)
1.4lbs(652g)
2oz(54g)
0.8oz(23g)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com