Electronic Components Datasheet Search
  English  ▼

X  

LM2853 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2853
Description  3A 550 kHz Synchronous SIMPLE SWITCHER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2853 Datasheet(HTML) 2 Page - Texas Instruments

  LM2853 Datasheet HTML 1Page - Texas Instruments LM2853 Datasheet HTML 2Page - Texas Instruments LM2853 Datasheet HTML 3Page - Texas Instruments LM2853 Datasheet HTML 4Page - Texas Instruments LM2853 Datasheet HTML 5Page - Texas Instruments LM2853 Datasheet HTML 6Page - Texas Instruments LM2853 Datasheet HTML 7Page - Texas Instruments LM2853 Datasheet HTML 8Page - Texas Instruments LM2853 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LM2853
3A 550 kHz Synchronous SIMPLE SWITCHER® Buck
Regulator
General Description
The LM2853 synchronous SIMPLE SWITCHER® buck regu-
lator is a 550 kHz step-down switching voltage regulator
capable of driving up to a 3A load with excellent line and load
regulation. The LM2853 accepts an input voltage between
3.0V and 5.5V and delivers a customizable output voltage
that is factory programmable from 0.8V to 3.3V in 100mV
increments. Internal type-three compensation enables a low
component count solution and greatly simplifies external
component selection. The exposed-pad TSSOP-14 package
enhances the thermal performance of the LM2853.
Features
n
Input voltage range of 3.0V to 5.5V
n
Factory EEPROM set output voltages from 0.8V to 3.3V
in 100 mV increments
n
Maximum load current of 3A
n
Voltage Mode Control
n
Internal type-three compensation
n
Switching frequency of 550 kHz
n
Low standby current of 12 µA
n
Internal 40 m
Ω MOSFET switches
n
Standard voltage options
0.8/1.0/1.2/1.5/1.8/2.5/3.0/3.3 volts
n
Exposed pad TSSOP-14 package
Applications
n
Low voltage point of load regulation
n
Local solution for FPGA/DSP/ASIC core power
n
Broadband networking and communications
infrastructure
Typical Application Circuit
20201502
Efficiency vs Load Current (V
OUT = 3.3V)
20201501
SIMPLE SWITCHER® is a Registered Trademark of National Semiconductor Corporation.
October 2006
© 2006 National Semiconductor Corporation
DS202015
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com