Electronic Components Datasheet Search
  English  ▼

X  

LM3880 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3880
Description  Power Sequencer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3880 Datasheet(HTML) 2 Page - Texas Instruments

  LM3880 Datasheet HTML 1Page - Texas Instruments LM3880 Datasheet HTML 2Page - Texas Instruments LM3880 Datasheet HTML 3Page - Texas Instruments LM3880 Datasheet HTML 4Page - Texas Instruments LM3880 Datasheet HTML 5Page - Texas Instruments LM3880 Datasheet HTML 6Page - Texas Instruments LM3880 Datasheet HTML 7Page - Texas Instruments LM3880 Datasheet HTML 8Page - Texas Instruments LM3880 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LM3880
AA
MF
Base Part Number
Package Type
MF: 1000 Units, Tape & Reel
MFX: 3000 Units, Tape & Reel
MFE: 250 Units, Tape & Reel
Sequence designator
1
-
Timing designator
Q
AEC - Q100 Grade
FLAG1
VCC
EN
GND
FLAG3
FLAG2
5
1
2
3
4
6
LM3880, LM3880Q
SNVS451H – AUGUST 2006 – REVISED JULY 2011
www.ti.com
Connection Diagram
Figure 1. Top View
SOT23–6 Package
Table 1. Pin Descriptions
Pin #
Name
Function
1
VCC
Input supply
2
GND
Ground
3
EN
Precision enable pin
4
FLAG3
Open drain output #3
5
FLAG2
Open drain output #2
6
FLAG1
Open drain output #1
Nomenclature
Table 2. Sequence Designator Table
Sequence Number
Flag Order
Power Up
Power Down
1
1 - 2 - 3
3 - 2 - 1
2
1 - 2 - 3
3 - 1 - 2
3
1 - 2 - 3
2 - 3 - 1
4
1 - 2 - 3
2 - 1 - 3
5
1 - 2 - 3
1 - 3 - 2
6
1 - 2 - 3
1 - 2 - 3
Table 3. Timing Designator Table
Timing
td1
td2
td3
td4
td5
td6
Designator
AF
16ms
16ms
16ms
16ms
16ms
16ms
AE
2ms
2ms
2ms
2ms
2ms
2ms
AA
10ms
10ms
10ms
10ms
10ms
10ms
AB
30ms
30ms
30ms
30ms
30ms
30ms
AC
60ms
60ms
60ms
60ms
60ms
60ms
AD
120ms
120ms
120ms
120ms
120ms
120ms
2
Submit Documentation Feedback
Copyright © 2006–2011, Texas Instruments Incorporated
Product Folder Links: LM3880 LM3880Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com