Electronic Components Datasheet Search
  English  ▼

X  

LM5574 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5574
Description  SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5574 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5574 Datasheet HTML 9Page - Texas Instruments LM5574 Datasheet HTML 10Page - Texas Instruments LM5574 Datasheet HTML 11Page - Texas Instruments LM5574 Datasheet HTML 12Page - Texas Instruments LM5574 Datasheet HTML 13Page - Texas Instruments LM5574 Datasheet HTML 14Page - Texas Instruments LM5574 Datasheet HTML 15Page - Texas Instruments LM5574 Datasheet HTML 16Page - Texas Instruments LM5574 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
VinMIN =
Vout + VD
1 - Fs x 500 ns
RAMP
VCC
CRAMP
RRAMP
LM5574
www.ti.com
SNVS478E – JANUARY 2007 – REVISED MARCH 2009
Figure 8. RRAMP to VCC for VOUT > 7.5V
Maximum Duty Cycle / Input Drop-out Voltage
There is a forced off-time of 500ns implemented each cycle to guarantee sufficient time for the diode current to
be sampled. This forced off-time limits the maximum duty cycle of the buck switch. The maximum duty cycle will
vary with the operating frequency.
DMAX = 1 - Fs x 500ns
(3)
Where Fs is the oscillator frequency. Limiting the maximum duty cycle will raise the input dropout voltage. The
input dropout voltage is the lowest input voltage required to maintain regulation of the output voltage. An
approximation of the input dropout voltage is:
(4)
Where VD is the voltage drop across the re-circulatory diode. Operating at high switching frequency raises the
minimum input voltage necessary to maintain regulation.
Current Limit
The LM5574 contains a unique current monitoring scheme for control and over-current protection. When set
correctly, the emulated current sense signal provides a signal which is proportional to the buck switch current
with a scale factor of 2.0 V / A. The emulated ramp signal is applied to the current limit comparator. If the
emulated ramp signal exceeds 1.4V (0.7A) the present current cycle is terminated (cycle-by-cycle current
limiting). In applications with small output inductance and high input voltage the switch current may overshoot
due to the propagation delay of the current limit comparator. If an overshoot should occur, the diode current
sampling circuit will detect the excess inductor current during the off-time of the buck switch. If the sample & hold
DC level exceeds the 1.4V current limit threshold, the buck switch will be disabled and skip pulses until the diode
current sampling circuit detects the inductor current has decayed below the current limit threshold. This approach
prevents current runaway conditions due to propagation delays or inductor saturation since the inductor current is
forced to decay following any current overshoot.
Soft-Start
The soft-start feature allows the regulator to gradually reach the initial steady state operating point, thus reducing
start-up stresses and surges. The internal soft-start current source, set to 10µA, gradually increases the voltage
of an external soft-start capacitor connected to the SS pin. The soft-start capacitor voltage is connected to the
reference input of the error amplifier. Various sequencing and tracking schemes can be implemented using
external circuits that limit or clamp the voltage level of the SS pin.
In the event a fault is detected (over-temperature, Vcc UVLO, SD) the soft-start capacitor will be discharged.
When the fault condition is no longer present a new soft-start sequence will commence.
Boost Pin
The LM5574 integrates an N-Channel buck switch and associated floating high voltage level shift / gate driver.
This gate driver circuit works in conjunction with an internal diode and an external bootstrap capacitor. A 0.022µF
ceramic capacitor, connected with short traces between the BST pin and SW pin, is recommended. During the
off-time of the buck switch, the SW pin voltage is approximately -0.5V and the bootstrap capacitor is charged
from Vcc through the internal bootstrap diode. When operating with a high PWM duty cycle, the buck switch will
be forced off each cycle for 500ns to ensure that the bootstrap capacitor is recharged.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5574



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com