Electronic Components Datasheet Search
  English  ▼

X  

DR5000 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # DR5000
Description  916.50 MHz Transceiver Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DR5000 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  DR5000 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DR5000 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DR5000 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DR5000 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 3 of 4
©2008 by RF Monolithics, Inc.
- 4/8/08
Data Out
3 Vdc
2.4 kbps Application Circuit
1
234
5
8
9
10
11
12
13
14
DR3000
7
6
DR5000
Data Out
3 Vdc
19.2 kbps Application Circuit
12
34
5
8
9
10
11
12
13
14
7
6
33 k
DR5000
Pin
Name
Description
9VCC
This is the positive supply voltage pin for the module. The operating voltage range is 2.7 to 3.5 Vdc. It is also possible to use
Pin 1 as the Vcc input. Please refer to the Pin 1 description above.
10
GND
This is the supply voltage return pin.
11
CTR1
CTR1 is connected to the CNTRL1 control pin on the receiver. CTR1 and CTR0 select the transceiver operating modes. CTR1
and CTR0 both high place the unit in the receive mode. CTR1 and CTR0 both low place the unit in the power-down (sleep)
mode. CTR1 is a high-impedance input (CMOS compatible). This pin must be held at a logic level; it cannot be left uncon-
nected. At turn on, the voltage on this pin and CTR0 should rise with VCC until VCC reaches 2.7 Vdc (receive mode). Thereaf-
ter, any mode can be selected.
12
CTR0
CTR0 is connected to the CNTRL0 control pin on the receiver CTR0 is used with CTR1 to control the operating modes of the
receiver. CTR0 is a high-impedance input (CMOS compatible). This pin must be held at a logic level; it cannot be left uncon-
nected. At turn on, the voltage on this pin and CTR1 should rise with VCC until VCC reaches 2.7 Vdc (receive mode). Thereaf-
ter, any mode can be selected.
13
RFIO
RFIO is the RF input/output pin. A matching circuit for a 50 ohm load (antenna) is implemented on the circuit board between
this pin and the receiver SAW filter transducer.
14
RF GND
This pin is the RF ground (return) to be used in conjunction with the RFIO pin. For example, when connecting the transceiver
module to an external antenna, the coaxial cable ground is connected this pin and the coaxial cable center conductor is con-
nected to RFIO.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com