Electronic Components Datasheet Search
  English  ▼

X  

LMZ13610 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ13610
Description  10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ13610 Datasheet(HTML) 2 Page - Texas Instruments

  LMZ13610 Datasheet HTML 1Page - Texas Instruments LMZ13610 Datasheet HTML 2Page - Texas Instruments LMZ13610 Datasheet HTML 3Page - Texas Instruments LMZ13610 Datasheet HTML 4Page - Texas Instruments LMZ13610 Datasheet HTML 5Page - Texas Instruments LMZ13610 Datasheet HTML 6Page - Texas Instruments LMZ13610 Datasheet HTML 7Page - Texas Instruments LMZ13610 Datasheet HTML 8Page - Texas Instruments LMZ13610 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
20
40
60
80
100
120
0
2
4
6
8
10
12
TEMPERATURE (C)
JA = 9.9 °C/W
JA = 6.8 °C/W
JA = 5.2 °C/W
0
1
2
3
4
5
6
7
8
9
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
24 Vin
LMZ13610
SNVS709C – MARCH 2011 – REVISED MAY 2011
www.ti.com
Performance Benefits
•
High efficiency reduces system heat generation
•
Low radiated emissions (EMI) complies with EN55022 class B standard
•
Only 7 external components
•
Low output voltage ripple
•
No external heat sink required
System Performance
Figure 2. Efficiency VIN = 24V VOUT = 3.3V
Figure 3. Thermal derating curve
VIN = 24V, VOUT = 3.3V
θJA measured on a 75mm x 90mm four layer PCB.
EN 55022:2006, +A1:2007, FCC Part 15 Subpart B.
2
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Links: LMZ13610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com