Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1082 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXCT1082
Description  PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1082 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXCT1082 Datasheet HTML 1Page - Diodes Incorporated ZXCT1082 Datasheet HTML 2Page - Diodes Incorporated ZXCT1082 Datasheet HTML 3Page - Diodes Incorporated ZXCT1082 Datasheet HTML 4Page - Diodes Incorporated ZXCT1082 Datasheet HTML 5Page - Diodes Incorporated ZXCT1082 Datasheet HTML 6Page - Diodes Incorporated ZXCT1082 Datasheet HTML 7Page - Diodes Incorporated ZXCT1082 Datasheet HTML 8Page - Diodes Incorporated ZXCT1082 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ZXCT1082/83/84/85/86/87
ZXCT1082/83/84/85/86/87
Document number: DS32162 Rev. 2 - 2
1 of 13
www.diodes.com
June 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
Description
The ZXCT1082 and ZXCT1083 are high side unipolar
current sense monitors. These devices eliminate the need to
disrupt the ground plane when sensing a load current.
The ZXCT1082/1084/1086 have 60V maximum operating
voltage and ZXCT1083/1085/1087 have 40V maximum
operating voltage.
The wide common-mode input voltage range and low
quiescent currents coupled with SOT25 packages make
them
suitable
for
a
range
of
applications;
including
automotive and systems operating from industrial 24-28V
rails.
Their quiescent current is only 0.6µA thereby minimizing
current sensing error.
The
ZXCT1082
and
ZXCT1083
use
three
external
transconductance/gain
setting
resistors
which
increase
versatility by permitting wide gain ranges and optimization of
bandwidths.
The
ZXCT1084/5/6/7
are
fixed
gain
voltage
output
counterparts of the ZXCT1082/3.
Pin Assignments
Typical Application Circuits
Features
•
Wide supply and common-mode voltage range
o
2.7V to 60V
ZXCT1082/84/86
o
2.7V to 40V
ZXCT1083/85/87
•
Independent supply and input common-mode voltage
•
Low quiescent current (0.6µA).
•
AEC-Q100 Grade 1 qualified
•
Extended industrial temperate range -40 to 125°C
•
Package SOT25
Applications
•
Automotive current measurement
•
Industrial applications current measurement
•
Battery management
•
Over current monitor
•
Power Management
•
Current sources
 
1
2
34
5
V
CC
S-
OUT
GND
S+
S+
S-
R
SENSE
V
CC
V
SUPPLY
Load
V
LOAD
GND
OUT
ZXCT1084/1085
ZXCT1086/1087
ZXCT1084/85:
V
OUT = 25 x VSENSE
ZXCT1086/87:
V
OUT = 50 x VSENSE
S+
S-
R
SENSE
V
CC
V
SUPPLY
R
GT
Load
R
GT
V
LOAD
GND
OUT
ZXCT1082/1083
R
G
ZXCT1082/83: V
OUT = VSENSE * RG
R
GT


Similar Part No. - ZXCT1082

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXCT1082 DIODES-ZXCT1082 Datasheet
309Kb / 13P
PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
DS32162 Rev. 1 - 2
ZXCT1082 DIODES-ZXCT1082 Datasheet
306Kb / 13P
PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
Rev 2
ZXCT1082Q DIODES-ZXCT1082Q Datasheet
500Kb / 13P
AUTOMOTIVE GRADE PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
April 2014
ZXCT1082QE5TA DIODES-ZXCT1082QE5TA Datasheet
500Kb / 13P
AUTOMOTIVE GRADE PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
April 2014
More results

Similar Description - ZXCT1082

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4210 MAXIM-MAX4210 Datasheet
620Kb / 32P
High-Side Power and Current Monitors
Rev 0; 6/04
MAX4004 MAXIM-MAX4004 Datasheet
241Kb / 10P
High-Accuracy, High-Side Current Monitors in SOT23
Rev 1; 5/03
logo
Diodes Incorporated
ZXCT1082 DIODES-ZXCT1082 Datasheet
309Kb / 13P
PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
DS32162 Rev. 1 - 2
ZXCT1107 DIODES-ZXCT1107 Datasheet
374Kb / 17P
LOW POWER HIGH-SIDE CURRENT MONITORS
Rev 1
ZXCT1107_1107 DIODES-ZXCT1107_1107 Datasheet
341Kb / 16P
LOW POWER HIGH-SIDE CURRENT MONITORS
Rev 3
logo
Maxim Integrated Produc...
MAX4210 MAXIM-MAX4210_05 Datasheet
676Kb / 32P
High-Side Power and Current Monitors
Rev 1; 5/05
logo
Diodes Incorporated
ZXCT1087E5TA DIODES-ZXCT1087E5TA Datasheet
306Kb / 13P
PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
Rev 2
ZXCT11 DIODES-ZXCT11 Datasheet
263Kb / 2P
Low power high side current monitors
MARCH 2011
logo
Maxim Integrated Produc...
MAX4004 MAXIM-MAX4004_V01 Datasheet
1Mb / 11P
High-Accuracy, High-Side Current Monitors in SOT23
2015
logo
Diodes Incorporated
ZXCT1082Q DIODES-ZXCT1082Q Datasheet
500Kb / 13P
AUTOMOTIVE GRADE PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
April 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com