Electronic Components Datasheet Search
  English  ▼

X  

LP38511 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP38511
Description  800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38511 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP38511 Datasheet HTML 4Page - Texas Instruments LP38511 Datasheet HTML 5Page - Texas Instruments LP38511 Datasheet HTML 6Page - Texas Instruments LP38511 Datasheet HTML 7Page - Texas Instruments LP38511 Datasheet HTML 8Page - Texas Instruments LP38511 Datasheet HTML 9Page - Texas Instruments LP38511 Datasheet HTML 10Page - Texas Instruments LP38511 Datasheet HTML 11Page - Texas Instruments LP38511 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
LP38511
SNOSAU6D – NOVEMBER 2007 – REVISED MARCH 2009
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: TJ = 25°C, VIN = 2.5V, VEN = VIN, CIN = 10 µF, COUT = 10 µF, IOUT = 10 mA.
PSRR, 10Hz to 1MHz
Noise
Figure 21.
Figure 22.
8
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Links: LP38511



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com