Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1086 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXCT1086
Description  PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1086 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXCT1086 Datasheet HTML 1Page - Diodes Incorporated ZXCT1086 Datasheet HTML 2Page - Diodes Incorporated ZXCT1086 Datasheet HTML 3Page - Diodes Incorporated ZXCT1086 Datasheet HTML 4Page - Diodes Incorporated ZXCT1086 Datasheet HTML 5Page - Diodes Incorporated ZXCT1086 Datasheet HTML 6Page - Diodes Incorporated ZXCT1086 Datasheet HTML 7Page - Diodes Incorporated ZXCT1086 Datasheet HTML 8Page - Diodes Incorporated ZXCT1086 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ZXCT1082/83/84/85/86/87
ZXCT1082/83/84/85/86/87
Document number: DS32162 Rev. 2 - 2
3 of 13
www.diodes.com
June 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Electrical Characteristics
Test Conditions TA = 25°C, VS+ = 12V, VCC = 5 V, VSENSE
1 = 100mV, ZXCT1082/3 R
GT = 5kΩ, RG = 125kΩ; unless otherwise stated.
(FT = -40°C to +125°C)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Input
IS+
S+ input current
VSENSE = 0mV (Note 1)
1.7
µA
TA = FT
5
IS-
S- input current
1.7
µA
TA = FT
5
VIO
Input Offset Voltage
(Note 2)
VSENSE = 0mV
±0.2
±1
mV
ZXCT1082/3/4/5
TA = FT
±2.5
ZXCT1086/87
TA = FT
±3
Temperature co-efficient
±4
µV/K
Output
GT
Transconductance
ZXCT1082/3
VSENSE = 10mV to 150mV
(Note 1, 3)
200
µA/V
GT-ERR
Transconductance error
(Note 4)
-1
+1
%
TA = FT
-2
+2
GT-TC
Transconductance
temperature co-efficient
TA = FT
10
nA/K
ZOUT
Output impedance
ZXCT1082/3
1¦¦5
G
Ω¦¦pF
GV
Gain
ZXCT1084/5/6/7
VSENSE = 10mV to 150mV
(Note 1)
1084/5
25
V/V
1086/7
50
GV-ERR
Gain error (Note 4)
-1
+1
%
TA = FT
-2
+2
GV-TC
Voltage gain temperature
co-efficient
TA = FT
100
ppm/K
ZOUT
Output impedance
ZXCT1084/5/6/7
125
k
Ω
VOUTH
Output relative to common
mode, VS-
ZXCT1082/3
VLOAD - 1
VLOAD
- 0.8
V
ZXCT1084/5/6/7
VS- - 1
VS- - 0.8
Notes:
1. For the ZXCT1082/83 VSENSE = “VSUPPLY” – “VLOAD“ where VLOAD is the load voltage or the lower potential side of the sense resistor.
For the ZXCT1083/84/85/86 VSENSE = “VS+” – “VS-“
2. VIO is extrapolated from measurements for the gain-error test.
3. For VSENSE > 10mV, the internal voltage-current converter is fully linear. This enables a true offset to be defined and used.
4. Gain or transconductance error is calculated by applying two values of VSENSE and calculating the error of the slope vs. the ideal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com