Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1087 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXCT1087
Description  PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1087 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXCT1087 Datasheet HTML 1Page - Diodes Incorporated ZXCT1087 Datasheet HTML 2Page - Diodes Incorporated ZXCT1087 Datasheet HTML 3Page - Diodes Incorporated ZXCT1087 Datasheet HTML 4Page - Diodes Incorporated ZXCT1087 Datasheet HTML 5Page - Diodes Incorporated ZXCT1087 Datasheet HTML 6Page - Diodes Incorporated ZXCT1087 Datasheet HTML 7Page - Diodes Incorporated ZXCT1087 Datasheet HTML 8Page - Diodes Incorporated ZXCT1087 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ZXCT1082/83/84/85/86/87
ZXCT1082/83/84/85/86/87
Document number: DS32162 Rev. 2 - 2
4 of 13
www.diodes.com
June 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Electrical Characteristics (cont.)
Test Conditions TA = 25°C, VS+ = 12V, VCC = 5 V, VSENSE
1 = 100mV, ZXCT1082/3 R
GT = 5kΩ, RG = 125kΩ; unless otherwise stated.
(FT = -40°C to +125°C)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
AC characteristics
BW
-3dB Small Signal
Bandwidth
VSENSE (AC) = 10mVPP
(Note 1)
G = 25
500
kHz
G = 50
200
ts(0.1%)
Settling time (0.1%)
VSENSE = 50mV to 300mV
step
G = 25
5
µs
VSENSE = 50mV to 200mV
step
G = 50
7
iN-OUT
Output noise current
density
f = 1kHz
ZXCT1082/3
12
pA/
√Hz
f = 10kHz
10
Total output noise
current
f = 0.1Hz to 100kHz
3
nARMS
vN-OUT
Output noise voltage
density
f = 1kHz
ZXCT1084/5
1.5
µV/
√Hz
ZXCT1086/7
2.9
f = 10kHz
ZXCT1084/5
1.2
ZXCT1086/7
2.3
Total output noise
voltage
f = 0.1Hz to 100kHz
ZXCT1084/5
390
µVRMS
ZXCT1086/7
730
Power Supply
ICC
VCC Supply current
VSENSE = 0V
0.6
µA
TA = FT
2
PSRR
(Note 5)
VCC Supply rejection
ratio
ZXCT1083/5: VSENSE = 60mV;
VCC = 2.7V to 40V
80
100
dB
TA = FT
75
ZXCT1087: VSENSE = 30mV;
VCC = 2.7V to 40V
80
100
TA = FT
75
ZXCT1082/4: VSENSE = 60mV;
VCC = 2.7V to 60V
80
100
TA = FT
75
ZXCT1086: VSENSE = 30mV;
VCC = 2.7V to 60V
80
100
TA = FT
75
CMRR
(Note 5)
Common-mode sense
rejection ratio
ZXCT1083/5: VSENSE = 60mV;
VS+ = 2.7V to 40V
80
100
dB
TA = FT
80
ZXCT1087: VSENSE = 30mV;
VS+ = 2.7V to 40V
80
100
TA = FT
80
ZXCT1082/4: VSENSE = 60mV;
VS+ = 2.7V to 60V
80
100
TA = FT
80
ZXCT1086: VSENSE = 30mV;
VS+ = 2.7V to 60V
80
100
TA = FT
80
Notes:
5. Measured relative to input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com