Electronic Components Datasheet Search
  English  ▼

X  

IRF440 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # IRF440
Description  N-CHANNEL POWER MOSFETS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

IRF440 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  IRF440 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. IRF440 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc. IRF440 Datasheet HTML 3Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - IRF440

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF440 SAMSUNG-IRF440 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF440 FAIRCHILD-IRF440 Datasheet
150Kb / 5P
N-Channel Power MOSFETs, 8A, 450 V/500V
logo
Intersil Corporation
IRF440 INTERSIL-IRF440 Datasheet
55Kb / 7P
8A, 500V, 0.850 Ohm, N-Channel Power MOSFET
March 1999
logo
International Rectifier
IRF440 IRF-IRF440 Datasheet
142Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF440 IRF-IRF440 Datasheet
146Kb / 7P
Repetitive Avalanche Ratings
More results

Similar Description - IRF440

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF530 SAMSUNG-IRF530 Datasheet
354Kb / 6P
N-CHANNEL POWER MOSFETS
IRFP250 SAMSUNG-IRFP250 Datasheet
518Kb / 7P
N-Channel Power Mosfets
SSH5N90 SAMSUNG-SSH5N90 Datasheet
264Kb / 5P
N-CHANNEL POWER MOSFETS
SSS7N60 SAMSUNG-SSS7N60 Datasheet
280Kb / 5P
N-CHANNEL POWER MOSFETS
IRFZ45 SAMSUNG-IRFZ45 Datasheet
197Kb / 5P
N-CHANNEL POWER MOSFETS
logo
New Jersey Semi-Conduct...
2N6769 NJSEMI-2N6769 Datasheet
89Kb / 2P
N-Channel Power MOSFETs,
logo
ARTSCHIP ELECTRONICS CO...
IRF340 ARTSCHIP-IRF340 Datasheet
345Kb / 5P
N-Channel Power MOSFETs
IRF420 ARTSCHIP-IRF420 Datasheet
381Kb / 5P
N-Channel Power MOSFETs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com