Electronic Components Datasheet Search
  English  ▼

X  

RS1PD Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RS1PD
Description  High Current Density Surface Mount Glass Passivated Fast Switching Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RS1PD Datasheet(HTML) 2 Page - Vishay Siliconix

  RS1PD Datasheet HTML 1Page - Vishay Siliconix RS1PD Datasheet HTML 2Page - Vishay Siliconix RS1PD Datasheet HTML 3Page - Vishay Siliconix RS1PD Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RS1PB, RS1PD, RS1PG, RS1PJ
www.vishay.com
Vishay General Semiconductor
Revision: 21-Aug-13
2
Document Number: 88934
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Thermal resistance from junction to ambient and junction to lead mounted on PCB with 5.0 mm x 5.0 mm copper pad areas. RJL is measured
at the terminal of cathode band. RJC is measured at the top center of the body
Note
(1) Automotive grade
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
RS1PB
RS1PD
RS1PG
RS1PJ
UNIT
Typical thermal resistance
RJA (1)
115
°C/W
RJL (1)
15
RJC (1)
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
RS1PB-M3/84A
0.024
84A
3000
7" diameter plastic tape and reel
RS1PB-M3/85A
0.024
85A
10 000
13" diameter plastic tape and reel
RS1PBHM3/84A (1)
0.024
84A
3000
7" diameter plastic tape and reel
RS1PBHM3/85A (1)
0.024
85A
10 000
13" diameter plastic tape and reel
Lead Temperature (°C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
80
140
150
130
120
110
100
90
T
L Measured
at the Cathode Band Terminal
0
5
10
15
20
25
30
110
100
Number of Cycles at 50 Hz
Instantaneous Forward Voltage (V)
T
J = 125 °C
T
J = 25 °C
Pulse Width = 300 μs
1 % Duty Cycle
100
10
1
0.1
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
T
J = 150 °C
1000
100
10
1
0.1
0.01
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com