Electronic Components Datasheet Search
  English  ▼

X  

FAR-M2DB Datasheet(PDF) 6 Page - fujitsu semiconductor

Part # FAR-M2DB
Description  Piezoelectric VCO (4 to 30 MHz)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-M2DB Datasheet(HTML) 6 Page - fujitsu semiconductor

  FAR-M2DB Datasheet HTML 1Page - fujitsu semiconductor FAR-M2DB Datasheet HTML 2Page - fujitsu semiconductor FAR-M2DB Datasheet HTML 3Page - fujitsu semiconductor FAR-M2DB Datasheet HTML 4Page - fujitsu semiconductor FAR-M2DB Datasheet HTML 5Page - fujitsu semiconductor FAR-M2DB Datasheet HTML 6Page - fujitsu semiconductor FAR-M2DB Datasheet HTML 7Page - fujitsu semiconductor FAR-M2DB Datasheet HTML 8Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
M2 Series (F100)
s
PART NUMBER DESIGNATION
s
MARKING
* : Frequency designation : Specify the nominal frequency in six alphanumeric characters.
Enter M at the decimal point.
[Designation example]
FAR – M2DB –
– F100
[Example] 27.000 MHz
→ 27M000
*
F
V
− 27 M 0 0 0
F100
X X X X X X
Logo
Frequency
INDEX
Lot. No.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com