Electronic Components Datasheet Search
  English  ▼

X  

FP0025E Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # FP0025E
Description  P-Channel POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

FP0025E Datasheet(HTML) 2 Page - Solid States Devices, Inc

  FP0025E Datasheet HTML 1Page - Solid States Devices, Inc FP0025E Datasheet HTML 2Page - Solid States Devices, Inc FP0025E Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FP0025E
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4470 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFF9130M
SFF9130Z
Electrical Characteristics3/
Symbol
Min
Typ
Max
Units
Drain to Source Breakdown Voltage
(VGS = 0V, ID = 1mA)
BVDSS
-100
––
––
V
Temperature Coefficient of Breakdown Voltage
∆BVDSS
∆Tj
––
87
––
mV/°C
Drain to Source On State Resistance
(VGS = -10V)
ID=7A
ID=11A
RDS(on)
––
––
––
––
0.30
0.35
Ω
Gate Threshold Voltage
(VDS = VGS, ID = -250A)
VGS(th)
-2.0
––
-4.0
V
Forward Transconductance
(VDS > ID(on) x RDS(on) Max, IDS = 7A)
gfs
3.0
5.0
––
S(Ʊ)
Zero Gate Voltage Drain Current
(VDS = 80% max rated voltage, VGS = 0V)
(VDS = 80% rated VDS, VGS = 0V, TA=125°C)
IDSS
––
––
––
––
-25
250
A
Gate to Source Leakage Forward
Gate to Source Leakage Reverse
At Rated VGS
IGSS
––
––
––
––
-100
100
nA
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS = -10V
50% rated VDS
ID = -11A
Qg
Qgs
Qgd
15
1
2
26
3
14
29
9.5
21
nC
Turn on Delay Time
Rise Time
Turn off Delay Time
Fall Time
VDD = 50%
Rated VDS
ID = 11 A
RG = 7.5Ω
t(on)
tr
td(off)
tr
––
––
––
––
15
10
30
12
60
140
140
140
nsec
Diode Forward Voltage
IS = Rated ID
VGS = 0V
TJ = 25ºC
VSD
––
––
-4.7
V
Diode Reverse Recovery Time
Reverse Recovery Charge
TJ = 25ºC
IF = 10A
di/dt = 100A/µsec
trr
Qrr
––
––
125
––
250
3
nsec
µC
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGS = 0V
VDS = -25V
f = 1 MHz
Ciss
Coss
Crss
––
––
––
860
350
125
––
––
––
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com