Electronic Components Datasheet Search
  English  ▼

X  

FSX017WF Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # FSX017WF
Description  General Purpose GaAs FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FSX017WF Datasheet(HTML) 3 Page - fujitsu semiconductor

  FSX017WF Datasheet HTML 1Page - fujitsu semiconductor FSX017WF Datasheet HTML 2Page - fujitsu semiconductor FSX017WF Datasheet HTML 3Page - fujitsu semiconductor FSX017WF Datasheet HTML 4Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
+j250
+j100
+j50
+j25
+j10
0
-j10
-j25
-j50
-j100
-j250
S11
S22
180°
+90°
0°
-90°
S21
S12
250
10
25
50Ω
SCALE FOR |S21|
4
5
18
18
16
16
14
14
12
12
8
6
6
8
4
4
2
2
0.5GHz
0.5GHz
20
20
10
10
0.1
0.2
18
18
16
14
12
12
8
8
6
4
4
2
2
0.5GHz
0.5GHz
20
20
10
3
FSX017WF
General Purpose GaAs FET
S-PARAMETERS
VDS =8V, IDS = 35mA
FREQUENCY
S11
S21
S12
S22
(MHZ)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
500
.994
-17.5
4.666
165.0
.007
75.3
.826
-8.4
1000
.982
-33.7
4.499
151.2
.013
69.9
.819
-17.3
2000
.936
-66.2
4.066
124.2
.022
47.3
.808
-33.3
3000
.891
-92.7
3.486
101.1
.026
30.2
.799
-47.7
4000
.855
-112.9
3.001
82.3
.027
17.5
.796
-59.2
5000
.817
-131.0
2.706
66.1
.026
7.6
.795
-67.5
6000
.778
-150.4
2.555
49.2
.026
0.0
.791
-76.3
7000
.738
-172.0
2.407
30.3
.026
-12.8
.778
-88.8
8000
.705
167.8
2.206
12.0
.022
-20.7
.774
-102.1
9000
.693
150.3
2.020
-5.3
.025
-24.2
.777
-115.7
10000
.679
135.1
1.894
-20.9
.028
-31.8
.780
-127.6
11000
.655
117.2
1.842
-38.1
.035
-43.3
.791
-140.5
12000
.631
96.4
1.750
-57.3
.042
-60.2
.798
-155.2
13000
.610
78.9
1.595
-76.9
.047
-79.6
.809
-173.0
14000
.573
64.6
1.422
-94.9
.050
-96.0
.830
172.1
15000
.503
48.0
1.298
-111.5
.058
-113.5
.846
163.3
Download S-Parameters, click here



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com