Electronic Components Datasheet Search
  English  ▼

X  

FT0001 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # FT0001
Description  POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

FT0001 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  FT0001 Datasheet HTML 1Page - Solid States Devices, Inc FT0001 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
SFF75N06-28
PRELIMINARY
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
ELECTRICAL CHARACTERISTICS @ TJ =25
oC (Unless Otherwise Specified)
V
Drain to Source Breakdown Voltage
(VGS =0 V, ID =250
:A)
-
BVDSS
-
RATING
SYMBOL
MIN
TYP
MAX
UNIT
60
m
S
Drain to Source
ON State Resistance 2/
(VGS = 10 V)
23
25
27
RDS(on)
25
27
-
-
-
-
V
Gate Threshold Voltage
(VDS =VGS, ID =250
:A)
-
VGS(th)
4
2
S(
É)
Forward Transconductance
(VDS > ID(on) x RDS (on) Max,
IDS =60% rated ID)
35
gfs
-
15
:A
Zero Gate Voltage Drain Current
(VDS =80% rated VDS, VGS =0 V, TA = 25
oC )
(VDS =80% rated VDS, VGS =0 V, TA = 125
oC )
-
-
IDSS
-
-
Gate to Source Leakage Forward
Gate to Source Leakage Reverse
-
-
IGSS
100
100
-
-
At rated VGS
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS =10 Volts
50% rated VDS
Rated ID
Qg
Qgs
Qgd
-
-
-
83
13
40
100
20
55
nsec
Turn on Delay Time
Rise Time
Turn off DELAY Time
Fall Time
VDD =50%
rated VDS
rated ID
RG = 6.2
S
td (on)
tr
td (off)
tf
-
-
-
-
20
35
65
40
40
70
130
80
V
1.47
VSD
1.6
-
Diode Reverse Recovery Time
Reverse Recovery Charge
70
trr
150
-
TJ =25oC
IF = 10A
di/dt = 100A/
:sec
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGS =0 Volts
VDS =25 Volts
f =1 MHz
Ciss
Coss
Crss
-
-
-
2600
700
260
2900
1100
275
pF
nsec
For thermal derating curves and other characteristic curves please contact SSDI Marketing Department.
Diode Forward Voltage
(IS = rated ID, VGS = 0V, TJ = 25
oC)
nC
nA
10
100
60% of Rated ID, TC = 25
oC
Rated ID, TC = 25
oC
60% of Rated ID, TC = 150
oC
NOTES:
1/ Die Rating: 75Amps.
2/ All package pins of the same terminations (Drain/Source/Gate) must be connected together to minimize
RDS(on) and maximize current carrying capability.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com