Electronic Components Datasheet Search
  English  ▼

X  

FT0009B Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # FT0009B
Description  P-Channel MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

FT0009B Datasheet(HTML) 1 Page - Solid States Devices, Inc

  FT0009B Datasheet HTML 1Page - Solid States Devices, Inc FT0009B Datasheet HTML 2Page - Solid States Devices, Inc FT0009B Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0009B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number/Ordering Information 1/
SFF25P20 ___ ___
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
└
Package 2/
S2I = SMD2 Isolated
M = TO-254
SFF25P20 Series
25 AMP / 200 Volts
150 mΩ typical
P-Channel MOSFET
Features:
•
polySi gate cell structure
•
Low ON-resistance
•
UIS (unclamped inductive switching) rated
•
Hermetically Sealed, Isolated Package
•
Low package inductance
•
Stress relief provided by flexible leads –
several options available
•
Improved (RDS(ON) QG) figure of merit
•
TX, TXV, S-Level screening available
Maximum Ratings
Symbol
Value
Units
Drain - Source Voltage
VDSS
-200
V
Gate – Source Voltage
Continuous
transient
VGS
±20
±30
V
Max. Continuous Drain Current
@ TC = 25ºC
ID1
25
A
Max. Instantaneous Drain Current (Tj limited)
@ TC = 25ºC
ID3
95
A
Max. Avalanche current
IAR
25
A
Repetitive Avalanche Energy
EAR
30
mJ
Total Power Dissipation
@ TC = 25ºC
PD
250
W
Operating & Storage Temperature
TOP & TSTG
-55 to +150
ºC
Maximum Thermal Resistance
Junction to Case
R0JC
0.83
0.6 typical
ºC/W
NOTES:
SMD 2 Isolated
TO-254
1/ For ordering information, price, operating curves, and
availability- Contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows
available on request.
3/ Unless otherwise specified, all electrical characteristics
@25ºC.
NOTE: SEE DASH# DEFINITION TABLE
FOR AVAILABLE LEAD FORMING
CONFIGURATION


Similar Part No. - FT0009B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B_15 Datasheet
129Kb / 3P
P-Channel MOSFET
More results

Similar Description - FT0009B

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421-3 KEXIN-AO3421-3 Datasheet
1Mb / 4P
P-Channel MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com