Electronic Components Datasheet Search
  English  ▼

X  

FT0010B Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # FT0010B
Description  Dual N-Channel JFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

FT0010B Datasheet(HTML) 1 Page - Solid States Devices, Inc

  FT0010B Datasheet HTML 1Page - Solid States Devices, Inc FT0010B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SFF4393A2 __ __
│
│
│
│
│
│
│
│
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
└ Package 3/ GW = GULLWING
SFF4393A2GW
Dual Microminiature Package
50 mA 40 Volts
Dual N-Channel JFET Transistor
Features:
• Low ON Resistance
• Low Capacitance, < 4 pF
• Fast Switching, t
on < 5 ns
• Used for Analog Switches, Choppers, Current
Limiters, and Sample-and-Hold Applications
• TX, TXV, and S-Level Screening Available.
Consult Factory.
Maximum Ratings
Symbol
Value
Units
Drain – Source Voltage
VDS
40
Volts
Drain – Gate Voltage
VDG
40
Volts
Reverse Gate – Source Voltage
VSG
40
Volts
Drain Current
ID
50
mA
Power Dissipation @ TA= 25
oC
Per Device
Total
PD
500
660
mW
mW
Maximum Thermal Resistance
Junction to Ambient
RΘJA
5/
245
ºC/W
Lead Temperature
(1/16” from the seated surface for 60 seconds)
TL
300
ºC
Operating & Storage Temperature
TOP & TSTG
-65 to +200
ºC
PACKAGE OUTLINE: GULLWING (GW)
.193
. 015±.010
.040
±.010
.350
±.01 0
6x R.0 10
.033
3x .015
.010
.107
.130
2x .050
(=.1 00)
6x .030
.107
.034
.125
6x .010
.025
5x R.018
.015
.035
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0010B
DOC


Similar Part No. - FT0010B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0010B SSDI-FT0010B_15 Datasheet
78Kb / 2P
Dual N-Channel JFET Transistor
More results

Similar Description - FT0010B

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
U421 CALOGIC-U421 Datasheet
28Kb / 2P
N-Channel Dual JFET
U443 CALOGIC-U443 Datasheet
25Kb / 2P
N-Channel JFET Monolithic Dual
logo
ON Semiconductor
MMBFU310LT1 ONSEMI-MMBFU310LT1_05 Datasheet
93Kb / 4P
JFET Transistor N-Channel
April, 2005 ??Rev. 3
logo
Solid States Devices, I...
SFF4393A2GW SSDI-SFF4393A2GW_1 Datasheet
78Kb / 2P
Dual Microminiature Package Dual N-Channel JFET Transistor
logo
New Jersey Semi-Conduct...
2N4082 NJSEMI-2N4082 Datasheet
73Kb / 1P
DUAL N-CHANNEL JFET
2N5453 NJSEMI-2N5453 Datasheet
74Kb / 1P
DUAL N-CHANNEL JFET
2N5565 NJSEMI-2N5565 Datasheet
65Kb / 1P
DUAL N-CHANNEL JFET
2N5566 NJSEMI-2N5566 Datasheet
93Kb / 1P
DUAL N-CHANNEL JFET
2N5905 NJSEMI-2N5905 Datasheet
82Kb / 1P
DUAL N-CHANNEL JFET
logo
Solid States Devices, I...
FT0010B SSDI-FT0010B_15 Datasheet
78Kb / 2P
Dual N-Channel JFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com