Electronic Components Datasheet Search
  English  ▼

X  

FT0020 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # FT0020
Description  N-Channel Trench Gate MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

FT0020 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  FT0020 Datasheet HTML 1Page - Solid States Devices, Inc FT0020 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
TO-254 and TO-254Z
Note 1: maximum current limited by package
configuration
SFF85N06M
SFF85N06Z
55 AMP (note 1) /60 Volts
7 mO
N-Channel Trench Gate MOSFET
Features:
•
Trench gate technology for high cell density
•
Lowest ON-resistance in the industry
•
Enhanced operating temperature range
•
Hermetically Sealed, Isolated Package
•
Low Total Gate Charge
•
Fast Switching
•
Enhanced replacement for IRFP064
•
TX, TXV, S-Level screening available
•
Improved (RDS(ON) QG) figure of merit
Maximum Ratings
Symbol
Value
Units
Drain - Source Voltage
VDSS
60
V
Gate – Source Voltage
VGS
±20
V
Max. Continuous Drain Current (package limited)
@ TC = 25ºC
@ TC = 125ºC
ID1
ID2
55 (note 1)
55 (note 1)
A
Max. Instantaneous Drain Current (Tj limited)
@ TC = 25ºC
@ TC = 125ºC
ID3
ID4
175
75
A
Max. Avalanche current
@ L= 0.1 mH
IAR
75
A
Repetitive Avalanche Energy
@ L= 0.1 mH
EAR
280
mJ
Total Power Dissipation
@ TC = 25ºC
PD
210
W
Operating & Storage Temperature
TOP & TSTG
-55 to +175
ºC
Maximum Thermal Resistance
(Junction to Case)
R0JC
0.7
(typ 0.55)
ºC/W
TO-254 (M)
PIN 1
PIN 3
PIN 2
TO-254Z (Z)
PIN 3
PIN 2
PIN 1
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0020A
DOC


Similar Part No. - FT0020

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0020 SSDI-FT0020_15 Datasheet
43Kb / 2P
N-Channel Trench Gate MOSFET
More results

Similar Description - FT0020

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK003SF AUK-STK003SF Datasheet
327Kb / 8P
N-channel Trench MOSFET
logo
IXYS Corporation
FMM50-025TF IXYS-FMM50-025TF Datasheet
101Kb / 2P
Trench Gate HiperFET N-Channel Power MOSFET
FMM60-02TF IXYS-FMM60-02TF Datasheet
101Kb / 2P
Trench Gate HiperFET N-Channel Power MOSFET
IXTA50N25T IXYS-IXTA50N25T Datasheet
235Kb / 6P
Trench Gate Power MOSFET N-Channel Enhancement Mode
logo
Solid States Devices, I...
FT0018 SSDI-FT0018 Datasheet
43Kb / 2P
N-Channel Trench Gate MOSFET
FT0021 SSDI-FT0021 Datasheet
43Kb / 2P
N-Channel Trench Gate MOSFET
FT0018 SSDI-FT0018_15 Datasheet
43Kb / 2P
N-Channel Trench Gate MOSFET
FT0020 SSDI-FT0020_15 Datasheet
43Kb / 2P
N-Channel Trench Gate MOSFET
FT0021 SSDI-FT0021_15 Datasheet
43Kb / 2P
N-Channel Trench Gate MOSFET
logo
Unisonic Technologies
UTN6266 UTC-UTN6266 Datasheet
272Kb / 7P
N-CHANNEL TRENCH MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com