Electronic Components Datasheet Search
  English  ▼

X  

FT0045B Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # FT0045B
Description  Avalanche Rated P-MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

FT0045B Datasheet(HTML) 2 Page - Solid States Devices, Inc

  FT0045B Datasheet HTML 1Page - Solid States Devices, Inc FT0045B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0045B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFR9130S.5
Electrical Characteristics 3/
Symbol
Min
Typ Max Units
Drain to Source Breakdown Voltage
VGS = 0V, ID =0.25 mA
BVDSS
-100
-115
––
V
Drain to Source On State Resistance
VGS = 10V, ID = 13A, Tj= 25
oC
VGS = 10V, ID = 13A, Tj= 125
oC
RDS(on)
––
––
57
100
90
––
m
Gate Threshold Voltage
VDS = 5 V, ID = 250A, Tj= 25
oC
VDS = 5 V, ID = 250A, Tj= 125
oC
VDS = 5 V, ID = 250A, Tj= -55
oC
VGS(th)
-2.0
-1.0
––
-3.2
-2.5
-3.6
-4.0
––
-5.0
V
Gate to Source Leakage
VGS = ±15V, Tj= 25
oC
VGS = ±15V, Tj= 125
oC
IGSS
––
1
10
±50
±200
nA
Zero Gate Voltage Drain Current
VDS = -100V, VGS = 0V, Tj = 25
oC
VDS = -100V, VGS = 0V, Tj = 125
oC
IDSS
––
––
0.01
5
10
250
A
A
Forward Transconductance
VDS = 10V, ID = 10A, Tj = 25
oC
gfs
––
15
––
Mho
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS = 10V
VDS = 80V
ID = 10A
Qg
Qgs
Qgd
––
––
––
23
8.5
5
40
––
––
nC
Turn on Delay Time
Rise Time
Turn off Delay Time
Fall Time
VGS = 10V
VDS = 50V
ID = 10A
RG = 10
td(on)
tr
td(off)
tf
––
––
––
––
65
25
75
30
100
50
150
50
nsec
Diode Forward Voltage
IF = 10A, VGS = 0V
VSD
––
0.85
1.5
V
Diode Reverse Recovery Time
Peak Reverse Recovery Current
Reverse Recovery Charge
IF = 10A, di/dt = 100A/usec
trr
Qrr
––
––
60
150
85
––
nsec
nC
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1 MHz
Ciss
Coss
Crss
––
––
––
3500
300
110
4000
400
200
pF
PACKAGE OUTLINE:
SMD.5
PINOUT:
PIN 1: DRAIN
PIN 2: SOURCE
PIN 3: GATE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com