Electronic Components Datasheet Search
  English  ▼

X  

LM5071 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5071
Description  Power Over Ethernet PD Controller with Auxiliary Power Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5071 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5071 Datasheet HTML 7Page - Texas Instruments LM5071 Datasheet HTML 8Page - Texas Instruments LM5071 Datasheet HTML 9Page - Texas Instruments LM5071 Datasheet HTML 10Page - Texas Instruments LM5071 Datasheet HTML 11Page - Texas Instruments LM5071 Datasheet HTML 12Page - Texas Instruments LM5071 Datasheet HTML 13Page - Texas Instruments LM5071 Datasheet HTML 14Page - Texas Instruments LM5071 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
VIN
RCLASS
AUX
VEE
VCC
OUT
RT
FB
CS
COMP
SS
RTN
ARTN
+PoE
+AUX
- AUX
UVLO
UVLORTN
LM 5071
0.1 PF
100 k:
-PoE
+VOUT
100 k:
LM5071
www.ti.com
SNVS409D – NOVEMBER 2005 – REVISED APRIL 2006
Undervoltage Lockout (UVLO)
The IEEE 802.3af specification states that the PSE will supply power to the PD within 400ms after completion of
detection. The LM5071 contains a programmable line Under Voltage Lock Out (UVLO) circuit. The first resistor
should be connected between the VIN to UVLO pins; the bottom resistor in the divider should be connected
between the UVLO and UVLORTN pins.
The divider must be designed such that the voltage at the UVLO pin equals 2.0V when VIN reaches the desired
minimum operating level. If the UVLO threshold is not met, the interface control and SMPS control will remain in
standby.
UVLO hysteresis is accomplished with an internal 10uA current source that is switched on and off into the
impedance of the UVLO set point divider. When the UVLO threshold is exceeded, the current source is activated
to instantly raise the voltage at the UVLO pin. When the UVLO pin voltage falls below the 2.00V threshold, the
current source is turned off, causing the voltage at the UVLO pin to fall. The LM5071 UVLO thresholds cannot be
programmed lower than 25V, the AUX pin should be used to force UVLO release below 25V.
There are many additional uses for the UVLO pin. The UVLO function can also be used to implement a remote
enable / disable function. Pulling the UVLO pin down below the UVLO threshold disables the interface and SMPS
controller unless forced on via AUX pin operation.
AUX Pin Operation
The AUX pin can be used to force operation (UVLO release) of the interface and switching regulator at any input
voltage above 9.5V. This is especially useful for auxiliary input (wall transformer) input voltages. The pin has a
2.5V threshold (0.5V hysteresis) and an input impedance of approximately 350k
Ω. The input resistor provides a
defined pull down impedance if the pin is left open by the user. An external pull down resistor should be used to
provide additional noise immunity. The resultant pin voltage from the external resistor divider should be well
above the 2.5V threshold to ensure proper auxiliary operation. See Figure 5 for an example of a simple yet
robust auxiliary configuration.
Figure 5. Simplified Schematic Showing Auxiliary Implementation
Power Supply Operation
Once the UVLO threshold has been satisfied, the interface controller of the LM5071 will charge up the SMPS
input capacitor through the internal power MOSFET. This load capacitance provides input filtering for the power
converter section and must be at least 5uF per the IEEE 802.3af specification. To accomplish the charging in a
controlled manner, the power MOSFET is current limited to 100mA.
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5071



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com