Electronic Components Datasheet Search
  English  ▼

X  

LM20143Q Datasheet(PDF) 21 Page - Texas Instruments

Part # LM20143Q
Description  3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM20143Q Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM20143Q Datasheet HTML 17Page - Texas Instruments LM20143Q Datasheet HTML 18Page - Texas Instruments LM20143Q Datasheet HTML 19Page - Texas Instruments LM20143Q Datasheet HTML 20Page - Texas Instruments LM20143Q Datasheet HTML 21Page - Texas Instruments LM20143Q Datasheet HTML 22Page - Texas Instruments LM20143Q Datasheet HTML 23Page - Texas Instruments LM20143Q Datasheet HTML 24Page - Texas Instruments LM20143Q Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LM20143
www.ti.com
SNVS528F – OCTOBER 2007 – REVISED NOVEMBER 2011
IOUT is the output load current.
DCR is the inductor series resistance.
It is important to always keep the operating junction temperature (TJ) below 125°C for reliable operation. If the
junction temperature exceeds 160°C the device will cycle in and out of thermal shutdown. If thermal shutdown
occurs it is a sign of inadequate heatsinking or excessive power dissipation in the device.
Figure 36, shown below, provides a better approximation of the
θJA for a given PCB copper area. The PCB
heatsink area consists of 2oz. copper located on the bottom layer of the PCB directly under the TSSOP exposed
pad. The bottom copper area is connected to the TSSOP exposed pad by means of a 4 x 4 array of 12 mil
thermal vias.
Figure 36. Thermal Resistance vs PCB Area
Copyright © 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM20143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com