Electronic Components Datasheet Search
  English  ▼

X  

CLE130 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # CLE130
Description  UPGRADED SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

CLE130 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  CLE130 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. CLE130 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Clairex Technologies, Inc.
1301 East Plano Parkway
Plano, Texas 75074-8524
Phone: 972-265-4900
Fax: 972-265-4949
www.clairex.com
CLE135, CLE130E, CLE130W
940nm High Efficiency
GaAs/AlGaAs IREDs
Clairex
Technologies, Inc.
July, 2005
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
®
0.147 (3.73)
0.137 (3.48)
0.205 (5.21)
0.215 (5.46)
0.100 (2.54) dia.
0.025 (0.64) max.
1.00 (25.4) min.
0.190 (4.83)
0.176 (4.47)
0.165 (4.19)
0.145 (3.68)
0.019 (0.48)
0.016 (0.41)
0.156 (3.96)
0.136 (3.45)
CATHODE
ANODE
0.050 (1.27) nom
1.00 (25.4) min.
0.019 (0.48)
0.016 (0.41)
0.147 (3.73)
0.137 (3.48)
ANODE
CATHODE
0.010 (0.25) nom
0.213 (5.41)
0.207 (5.26)
0.100 (2.54) pin circle
0.130 (3.30) max
0.050 (1.27) max
0.169 (4.29)
0.163 (4.14)
C5
0.147 (3.73)
0.137 (3.48)
0.205 (5.21)
0.215 (5.46)
0.100 (2.54) dia.
0.025 (0.64) max.
1.00 (25.4) min.
0.190 (4.83)
0.176 (4.47)
0.165 (4.19)
0.145 (3.68)
0.019 (0.48)
0.016 (0.41)
0.156 (3.96)
0.136 (3.45)
0.010 (0.25) max
CATHODE
ANODE
ALL DIMENSIONS ARE IN
INCHES (MILLIMETERS)
CLE135
CLE130E
CLE130W
REVISED 4/15/06
UPGRADED SERIES


Similar Part No. - CLE130

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLE130E CLAIREX-CLE130E Datasheet
140Kb / 2P
940nm High Efficiency GaAs/AlGaAs IREDs
CLE130W CLAIREX-CLE130W Datasheet
140Kb / 2P
940nm High Efficiency GaAs/AlGaAs IREDs
More results

Similar Description - CLE130

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
List of Unclassifed Man...
43610 ETC1-43610 Datasheet
79Kb / 1P
Single cassette tape system has been upgraded and repackaged
logo
Omron Electronics LLC
D4N OMRON-D4N Datasheet
6Mb / 24P
Upgraded Safety Limit Switches Based on the Popular D4D, Providing a Full Lineup Conforming to International Standards
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
CSB Battery Co., Ltd.
TPL121000T CSB-BATTERY-TPL121000T Datasheet
636Kb / 2P
A front access design with an upgraded degassing system ,up to 12 years expected life.
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com