Electronic Components Datasheet Search
  English  ▼

X  

MWDMGLR Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # MWDMGLR
Description  Micro-Optic WDM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

MWDMGLR Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  MWDMGLR Datasheet HTML 1Page - OPLINK Communications Inc. MWDMGLR Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
Applications
Performance Specificationns
Note:
* Values are referenced without connector loss.
** The mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom
specified.
*** The maximum IL is under all states of polarization and within the full operating temperature and
wavelength ranges specified.
MWDMGLR/LB Series
Min
Typical
Max
Unit
Pass Channel Wavelength Range λ1
Type LR
1589.0
1603.0
nm
Type LB
1570.0
1584.0
nm
Reflection Channel Wavelength
Range λ2
Type LR
1570.0
1584.0
nm
Type LB
1589.0
1603.0
nm
Insertion Loss *
Pass Channel @ λ1
Reflect Channel @ λ2
0.8
0.5
dB
Isolation
Reflect Channel @ λ1
Pass Channel @ λ2
12
20
dB
Passband Ripple
0.30
dB
Directivity
50
dB
Return Loss
50
dB
Polarization Dependent Loss
0.1
dB
Polarization Mode Dispersion
0.05
ps
Maximum Power Handling
500
mW
Fiber Type
Corning SMF-28
Operating Temperature
0 to +70
°C
Storage Temperature
-40 to +85
°C
Package Dimensions **
250 μm Bare Fiber
900 μm Loose Tube
P1: (ø) 5.5 x (L) 34.0
P2: (ø) 5.5 x (L) 40.0
mm
S0036 - R03. 20100615
Green L Band Red/Blue Pass Micro-Optic WDM
MWDMGLR/LB Series
Oplink’s Micro-Optic Wavelength Division Multiplexer (MWDM) is based on
thin-film filter technology and patented athermal platform for optical device.
This device offers flat and wide passband, low insertion loss, and high isolation,
which make this device ideal for high-power Optical Amplification Systems and
DWDM Network applications. Oplink MWDM devices are Bellcore GR-1221
qualification tested and complied with industry green initiatives such as Rohs
and WEEE. All Oplink products are epoxy-free in the optical path.
Environmental Green Plan
Compliance
Wide Operating Wavelength Range
Low Insertion Loss
High Channel Isolation
Ultra Flat Wide Passband
Highly Stable & Reliable
Epoxy-free Optical Path
Fiberoptic Amplifiers
System Monitoring
Fiberoptic Instruments
Laboratory R&D


Similar Part No. - MWDMGLR

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MWDMGLR0000111 OPLINK-MWDMGLR0000111 Datasheet
279Kb / 2P
L Band Red/Blue Pass Micro-Optic WDM
MWDMGLR0000112 OPLINK-MWDMGLR0000112 Datasheet
279Kb / 2P
L Band Red/Blue Pass Micro-Optic WDM
MWDMGLR0000115 OPLINK-MWDMGLR0000115 Datasheet
279Kb / 2P
L Band Red/Blue Pass Micro-Optic WDM
MWDMGLR000011H OPLINK-MWDMGLR000011H Datasheet
279Kb / 2P
L Band Red/Blue Pass Micro-Optic WDM
MWDMGLR0000221 OPLINK-MWDMGLR0000221 Datasheet
279Kb / 2P
L Band Red/Blue Pass Micro-Optic WDM
More results

Similar Description - MWDMGLR

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
MWDMG00500011H1 OPLINK-MWDMG00500011H1 Datasheet
276Kb / 2P
Micro-Optic WDM
MWDMG15981000H1 OPLINK-MWDMG15981000H1 Datasheet
278Kb / 2P
Micro-Optic WDM
HWDMG OPLINK-HWDMG Datasheet
287Kb / 2P
Micro-Optic WDM
MWDMG0050 OPLINK-MWDMG0050 Datasheet
283Kb / 2P
Micro-Optic WDM
MWDMG1315 OPLINK-MWDMG1315 Datasheet
170Kb / 2P
Micro-Optic WDM
MWDMG1514 OPLINK-MWDMG1514 Datasheet
286Kb / 2P
Micro-Optic WDM
MWDMG1598 OPLINK-MWDMG1598 Datasheet
284Kb / 2P
Micro-Optic WDM
MWDMGCR OPLINK-MWDMGCR Datasheet
286Kb / 2P
Micro-Optic WDM
MWDMGCSU OPLINK-MWDMGCSU Datasheet
143Kb / 2P
Micro-Optic WDM
MWDMGLSU OPLINK-MWDMGLSU Datasheet
184Kb / 2P
Micro-Optic WDM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com