Electronic Components Datasheet Search
  English  ▼

X  

ECOS1AA103BA Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECOS1AA103BA
Description  Aluminum Electrolytic Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS1AA103BA Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECOS1AA103BA Datasheet HTML 1Page - Panasonic Semiconductor ECOS1AA103BA Datasheet HTML 2Page - Panasonic Semiconductor ECOS1AA103BA Datasheet HTML 3Page - Panasonic Semiconductor ECOS1AA103BA Datasheet HTML 4Page - Panasonic Semiconductor ECOS1AA103BA Datasheet HTML 5Page - Panasonic Semiconductor ECOS1AA103BA Datasheet HTML 6Page - Panasonic Semiconductor ECOS1AA103BA Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Panasonic Industrial Company
Aluminum Electrolytic Capacitors
40
Design and specifications are subject to change without notice.
Contact the factory or your sales representative for technical specifications before purchase and/or use.
When safety concerns arise, please contact Panasonic immediately for technical consultation.
TS-HA Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
4700
30 x 30
2.50
2.88
0.053
0.040
35 x 25
2.50
2.88
0.053
0.040
5600
22 x 50
2.80
3.22
0.050
0.038
25 x 40
2.80
3.22
0.050
0.038
30 x 35
2.80
3.22
0.050
0.038
35 x 30
2.80
3.22
0.050
0.038
25 x 50
3.30
3.80
0.046
0.035
30 x 40
3.30
3.80
0.046
0.035
6800
35 x 30
3.30
3.80
0.046
0.035
8200
30 x 45
3.60
4. 4
0.038
0.029
35 x 35
3.60
4. 4
0.038
0.029
0000
30 x 50
4.00
4.60
0.033
0.025
35 x 40
4.00
4.60
0.033
0.025
2000
35 x 45
4.50
5. 8
0.028
0.022
5000
35 x 50
4.80
5.52
0.022
0.0 8
680
22 x 20
0.90
.04
0.463
0.347
000
25 x 20
.20
.38
0.3 5
0.236
200
22 x 25
.40
.6
0.235
0. 76
500
22 x 30
.50
.73
0. 88
0. 4
30 x 20
.30
.50
0.2 00. 57
800
22 x 30
.70
.96
0. 57
0. 7
25 x 25
.70
.96
0. 57
0. 7
2200
22 x 35
2.00
2.30
0. 28
0.096
25 x 30
2.00
2.30
0. 28
0.096
35 x 20
.50
.73
0. 43
0. 07
2700
22 x 40
2.20
2.53
0. 04
0.078
25 x 35
2.20
2.53
0. 04
0.078
30 x 25
2.20
2.53
0. 04
0.078
3300
22 x 50
2.50
2.88
0.090
0.068
25 x 40
2.50
2.88
0.090
0.068
30 x 30
2.50
2.88
0.090
0.068
35 x 25
2.50
2.88
0.090
0.068
3900
25 x 45
2.70
3.
0.077
0.057
30 x 35
2.70
3.
0.077
0.057
35 x 30
2.70
3.
0.077
0.057
4700
25 x 50
3.00
3.45
0.063
0.048
30 x 40
3.00
3.45
0.063
0.048
35 x 30
3.00
3.45
0.063
0.048
5600
30 x 45
3.30
3.80
0.053
0.040
35 x 35
3.30
3.80
0.053
0.040
6800
30 x 50
3.60
4. 4
0.049
0.037
35 x 40
3.60
4. 4
0.049
0.037
8200
35 x 45
3.90
4.49
0.040
0.030
0000
35 x 50
4.40
5.06
0.033
0.028
470
22 x 20
0.80
0.92
0.459
0.298
560
25 x 20
.00
. 50.3 7
0.206
820
22 x 25
.20
.38
0.222
0. 45
000
22 x 30
.30
.50
0. 82
0. 9
25 x 25
.30
.50
0. 82
0. 9
30 x 20
.20
.38
0.2 60. 40
200
22 x 30
.50
.73
0. 66
0. 6
25 x 25
.50
.73
0. 66
0. 6
500
22 x 35
.70
.96
0. 33
0.093
25 x 30
.70
.96
0. 33
0.093
35 x 20
.40
.6
0. 55
0. 08
800
22 x 40
.80
2.07
0.
0.077
25 x 35
.80
2.07
0.
0.077
30 x 25
.80
2.07
0.
0.077
2200
22 x 45
2. 0
2.42
0.090
0.063
25 x 35
2. 0
2.42
0.090
0.063
30 x 30
2. 0
2.42
0.090
0.063
35 x 25
2. 0
2.42
0.090
0.063
ECOS1JA682DA
ECOS1JA682EA
ECOS1JA822EA
ECOS1KA102CA
ECOS1KA681CL
ECOS1KA821BA
Size (mm)
ECOS1JA392EA
ECOS1JA472CA
ECOS1JA472DA
ECOS1JA472EA
ECOS1JA562DA
ECOS1JA562EA
ECOS1JA392DA
ECOS1KA122CA
80 VDC Working, 00 VDC Surge
ECEC1KA471BL
ECEC1KA102DL
ECOS1KA102DL
ECOS1KA471BL
ECEC1KA821BA
ECEC1KA102BA
ECOS1KA102BA
ECOS1JA332CA
ECOS1JA332DA
ECOS1JA332EA
ECOS1JA392CA
ECOS1JA332BA
ECOS1JA272DA
ECOS1JA222EL
ECOS1JA272BA
ECOS1JA272CA
ECOS1JA182CA
ECOS1JA222BA
ECOS1JA222CA
ECEC1HA103DA
ECEC1HA103EA
ECEC1HA822DA
ECEC1HA822EA
ECEC1HA123EA
ECEC1HA153EA
ECOS1HA682CA
ECOS1HA682DA
ECOS1HA682EA
ECOS1HA472EA
ECOS1HA562BA
ECOS1HA562CA
Max 105°C R.C. (Arms)
ECOS1HA123EA
ECOS1HA153EA
ECEC1HA472DA
ECEC1HA472EA
ECEC1HA562BA
ECEC1HA562CA
ECEC1HA562DA
ECEC1HA562EA
ECEC1HA682CA
ECEC1HA682DA
ECOS1HA103DA
ECOS1HA103EA
ECEC1HA682EA
Part numbers shown with 2 pins
ECOS1HA562EA
63 VDC Working, 79 VDC Surge
50 VDC Working, 63 VDC Surge (continued)
ECOS1HA562DA
ECOS1HA472DA
ECOS1HA822DA
ECOS1HA822EA
20°C ESR ( , max.)
6.3mm Length Terminal
D x L
Panasonic Part Number (By Terminal Length)
4.0mm Length Terminal
ECEC1KA152BA
ECEC1KA681CL
ECEC1KA122BA
ECEC1KA102CA
ECEC1KA122CA
ECOS1JA152DL
ECEC1JA681BL
ECEC1JA152BA
ECEC1JA152DL
ECOS1JA681BL
ECOS1JA102CL
ECOS1JA122BA
ECOS1JA152BA
ECOS1JA182BA
ECOS1KA122BA
ECEC1JA222EL
ECEC1JA182BA
ECEC1JA182CA
ECEC1JA222BA
ECEC1JA222CA
ECEC1JA102CL
ECEC1JA122BA
ECEC1JA272BA
ECEC1JA272CA
ECEC1JA272DA
ECEC1JA332BA
ECEC1JA332CA
ECEC1JA332DA
ECEC1JA332EA
ECEC1JA392CA
ECEC1JA392DA
ECEC1JA392EA
ECEC1JA472CA
ECEC1JA472DA
ECEC1JA472EA
ECEC1JA562DA
ECEC1JA562EA
ECEC1JA682DA
ECEC1JA682EA
ECEC1JA822EA
ECEC1JA103EA
ECOS1KA152BA
ECOS1KA152CA
ECOS1KA152EL
ECOS1KA182BA
ECOS1JA103EA
ECOS1KA182CA
ECOS1KA182DA
ECOS1KA222BA
ECOS1KA222CA
ECOS1KA222DA
ECOS1KA222EA
ECEC1KA152CA
ECEC1KA152EL
ECEC1KA182BA
ECEC1KA182CA
ECEC1KA182DA
ECEC1KA222BA
ECEC1KA222CA
ECEC1KA222DA
ECEC1KA222EA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com