Electronic Components Datasheet Search
  English  ▼

X  

PDI-E940SM Datasheet(PDF) 1 Page - API Delevan

Part # PDI-E940SM
Description  GaAlAs High power IR LED Emitters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

PDI-E940SM Datasheet(HTML) 1 Page - API Delevan

  PDI-E940SM Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
DESCRIPTION
APPLICATIONS
• SOT-23 package
• Surface Mount
• Wide emission Angle
SYMBOL PARAMETER
MIN
MAX
UNITS
Pd
Power Dissipation
170
mW
If
Continuous Forward Current
100
mA
Ip
Peak Forward Current
1
A
Vr
Reverse Voltage
5
V
TSTG
Storage Temperature
-25
+100
°C
TO
Operating Temperature
-25
+100
°C
TS
Soldering Temperature*
+240
°C
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Po
Output Power
If = 50 mA
18
22
mW
Vf
Forward Voltage
If = 20 mA
1.5
1.9
V
Vr
Reverse Breakdown Voltage
If = 10 μA
5
30
V
lp
Peak Wavelength
If = 100 mA
920
940
960
nm
Δl
Spectral Halfwidth
If = 100 mA
50
nm
Ct
Terminal Capacitance
Vr = 0V, f = 1MHz
25
pF
tr
Rise Time
If = 100 mA
80
nS
tf
Fall Time
If = 100 mA
180
nS
GaAlAs High power IR LED Emitters
PDI-E940
The PDI-E940 is a high power 940 nm and high
power GaAs emitter, packaged in a small low cost
SOT-23 surface mount package
• Fiber optic sources
• Optical encoders
• Point light sources
* 1/16 inch from case for 3 seconds max.
ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23°C UNLESS OTHERWISE NOTED
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are
subject to change without notice.
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935 • www.advancedphotonix.com
REV 3/30/06
ABSOLUTE MAXIMUM RATING (TA)= 23°C UNLESS OTHERWISE NOTED
PACKAGE DIMENSIONS INCH [mm]
CHIP DIMENSIONS INCH [mm]
SOT-23 PACKAGE
.016 [0.41] SQ
Ø0.0045 [0.114]
CATHODE BOND PAD
BOTTOM SIDE ANODE
.118 [3.00]
.075 [1.90]
.037 [0.95]
.020 [0.51]
.110 [2.79]
1
2
3
CLEAR
PLASTIC
.059 [1.50]
15°
.039 [1.00]
.043 [1.10]
.008 [0.20]
.009 [0.22]
.004 [0.10]
EMISSION
ANGLE
140°
1
2
3


Similar Part No. - PDI-E940SM

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PDI-E940 ADVANCEDPHOTONIX-PDI-E940 Datasheet
66Kb / 1P
GaAlAs High power IR LED Emitters
More results

Similar Description - PDI-E940SM

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PDI-E802 ADVANCEDPHOTONIX-PDI-E802 Datasheet
94Kb / 1P
GaAlAs High Power IR LED Emitters
PDI-E803 ADVANCEDPHOTONIX-PDI-E803 Datasheet
94Kb / 1P
GaAlAs High Power IR LED Emitters
PDI-E804 ADVANCEDPHOTONIX-PDI-E804 Datasheet
94Kb / 1P
GaAlAs High Power IR LED Emitters
PDI-E805 ADVANCEDPHOTONIX-PDI-E805 Datasheet
94Kb / 1P
GaAlAs High Power IR LED Emitters
PDI-E809 ADVANCEDPHOTONIX-PDI-E809 Datasheet
130Kb / 1P
GaAlAs High Power IR LED Emitters
PDI-E813 ADVANCEDPHOTONIX-PDI-E813 Datasheet
106Kb / 1P
GaAlAs High power IR LED Emitters
PDI-E825 ADVANCEDPHOTONIX-PDI-E825 Datasheet
109Kb / 1P
GaAlAs High Power IR LED Emitters
PDI-E838 ADVANCEDPHOTONIX-PDI-E838 Datasheet
80Kb / 1P
GaAlAs High power IR LED Emitters
PDI-E940 ADVANCEDPHOTONIX-PDI-E940 Datasheet
66Kb / 1P
GaAlAs High power IR LED Emitters
logo
API Delevan
PDI-E801 API-PDI-E801 Datasheet
131Kb / 1P
GaAlAs High Power IR LED Emitters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com