Electronic Components Datasheet Search
  English  ▼

X  

PM8803TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # PM8803TR
Description  High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8803TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PM8803TR Datasheet HTML 6Page - STMicroelectronics PM8803TR Datasheet HTML 7Page - STMicroelectronics PM8803TR Datasheet HTML 8Page - STMicroelectronics PM8803TR Datasheet HTML 9Page - STMicroelectronics PM8803TR Datasheet HTML 10Page - STMicroelectronics PM8803TR Datasheet HTML 11Page - STMicroelectronics PM8803TR Datasheet HTML 12Page - STMicroelectronics PM8803TR Datasheet HTML 13Page - STMicroelectronics PM8803TR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Pin descriptions and connection diagrams
PM8803
10/34
Doc ID 018559 Rev 2
9RTN2
Power ground for the secondary gate driver.
This pin is also connected to the drain of the internal current limiting power
MOSFET which closes VSS to the return path of the DC-DC converter.
This pin must be connected to RTN1 and ARTN
10
VSS
System low potential input.
Diode "OR'd" to the RJ45 connector and PSE's -48V supply, it is the more
negative input potential.
11
VDD
System high potential input.
The diode "OR" of several lines entering the PD, it is the most positive input
potential.
12
VDD
System high potential input.
The diode "OR" of several lines entering the PD, it is the most positive input
potential.
13
DET
Detection resistor pin.
Connect the signature resistance between the DET pin and VDD. Current
will flow through the resistor only during the detection phase.
This pin is 100V rated with negligible resistance with respect to the external
24.9K
Ω.
14
SP
Front auxiliary startup pin.
Pulling up this pin to the auxiliary source will change the internal UVLO set-
tings and allow PD to be powered with voltage lower than nominal PoE volt-
ages. Default Inrush and DC current protection are active. Use a resistor
voltage divider from the auxiliary voltage to VSS to connect this low voltage
rating pin. Connect this pin to VSS if not used.
15
CLS
Classification resistor pin.
Connect the classification programming resistor from this pin to VSS.
16
DCCL
DC current limit.
A resistor between this pin and VSS will set the current limit for the interface
section of PM8803. It can be set to exceed the IEEE802.3at current limit.
Leave the pin open for standard IEEE 802.3at applications.
17
SA
Rear Auxiliary startup pin.
Pulling up this pin will give high priority to an auxiliary power source like an
external wall adapter. Use a resistor voltage divider from the auxiliary volt-
age to ARTN to connect this low voltage rating pin.
Connect this pin to ARTN if not used.
18
DT
Delay time set.
A resistor connected from this pin to ARTN sets the delay time between
GAT1 and GAT2. This pin cannot be left open.
19
FRS
Switching Frequency Set.
An external resistor connected from FRS to ARTN sets the oscillator fre-
quency.
Table 2.
Pin descriptions (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com