Electronic Components Datasheet Search
  English  ▼

X  

PM8803 Datasheet(PDF) 15 Page - STMicroelectronics

Part # PM8803
Description  High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8803 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button PM8803 Datasheet HTML 11Page - STMicroelectronics PM8803 Datasheet HTML 12Page - STMicroelectronics PM8803 Datasheet HTML 13Page - STMicroelectronics PM8803 Datasheet HTML 14Page - STMicroelectronics PM8803 Datasheet HTML 15Page - STMicroelectronics PM8803 Datasheet HTML 16Page - STMicroelectronics PM8803 Datasheet HTML 17Page - STMicroelectronics PM8803 Datasheet HTML 18Page - STMicroelectronics PM8803 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
PM8803
Electrical specifications
Doc ID 018559 Rev 2
15/34
Table 6.
Electrical characteristics - SMPS section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Oscillator
Fosc
Frequency accuracy
In the range 100 to 500 kHz
+/-10
%
Frequency
programmability
RFRS = 100 kΩ
220
245
270
kHz
RFRS = 47.5 kΩ
445
495
545
kHz
Frequency range
100
1000
kHz
FRS voltage
1.20
1.25
1.30
V
Delay time
GAT1 to GAT2 delay time
RDT = 20 k
Ω, GAT1and GAT2 open
32
ns
RDT = 200 k
Ω, GAT1and GAT2 open
320
ns
DT voltage
1.20
1.25
1.30
V
Soft-start
TSS
Soft-start time
Over CTL full range (0 to 3 V), at
Fosc = 250 kHz
12.3
ms
Current limit
Delay to output
Guaranteed by design
20
ns
Cycle-by-cycle current
limit threshold voltage
0.44
0.50
0.56
V
Leading edge blanking
time
45
60
75
ns
Slope compensation
current
Sourced by CS pin
45
μA
PWM comparator
Delay to output
Guaranteed by design
25
ns
Minimum duty cycle
CTL = 0, CS = 0
0
%
Maximum duty cycle
CTL = 2 V, CS = 0, Fosc = 250 kHz
75
80
85
%
CTL to PWM gain
Guaranteed by design
1 : 4
CTL operative range
1
3
V
Output driver GAT1
Output high
IGD = 100 mA
VC-
0.25
VC-0.5
V
Output low
IGD = -100 mA
0.25
0.5
V
Fall time
CLOAD = 3.3 nF, VC = 10 V
Guaranteed by design
40
ns
Rise time
CLOAD = 3.3 nF, VC = 10 V
Guaranteed by design
45
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com