Electronic Components Datasheet Search
  English  ▼

X  

FP60L Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FP60L
Description  fan filter assemblies - PMFA T Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FP60L Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FP60L Datasheet HTML 1Page - List of Unclassifed Manufacturers FP60L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
air filters
Inner Plate
Filter Pad
Grill Cover
fan filter assemblies –
PMFA Series
Description
A family of filters for use with the main sizes
of axial fans, i.e. 60mm2, 80mm2, 92mm2,
119mm2 and 150/172mm diameter
.
All filter assemblies mount directly on
to the existing fixing locations. The 60mm2
assembly is compact and low profile by
design, with a similar version also available
in the 80mm2 model.
Construction
The assembly consists of three parts; an outer
grill cover, an inner fixing plate and a filter pad.
The grill cover is moulded in polycarbonate
with a matt finish. It incorporates quick release
fasteners to assist easy changing of the filter
pad. The inner fixing plate is constructed of
steel sheet, with a matt black epoxy powder
finish. A welded wire screen provides
protection when the filter pad is changed
with the fan still running.
The filter pad is made of white synthetic
bonded fibre to specification P15/150R.
Filter Performance
The filter pad will achieve a 75% dust particle
retention down to 5-10 microns in size and
can withstand temperatures of up to 100°C.
The pad is also flame resistant to BS2963.
A reduction in airflow of around 20-30% can
be expected with a clean filter assembly fitted.
Features
• Tough, durable construction
• Quick change filter pad
• Fit fans from 60mm2 to Ø172mm
• Utilise existing hole fixing positions on most
PAPST fans
• Filter pad can be changed without switching
off fan.
Ordering Information (filter assemblies)
Part No.
Fan size
A
B
C
D
PMFA60L
60mm2
65
65
13.5
50
PMFA80L
80mm2
85
85
14
71.5
PMFA80
80mm2
125
105
17.5
71.5
PMFA90
92mm2
125
105
17.5
82.5
PMFA120
119mm2
162
136
18.5
104.8
PMFA160
150/172Ø
226
190
19.5
162
Ordering Information (spare filter pads)
Pad Part No.
Assembly Part No.
Pack Qty
FP60L
PMFA60L
5
FP80L
PMFA80L
5
FP80
PMFA80
5
FP90
PMFA90
5
PMFA120
PMFA120
5
PMFA160
PMFA160
5
All measurements in mm.
Papst plc East Portway Andover Hampshire SP10 3RT
Tel +44 (0)1264 333388 Fax +44 (0)1264 332182 www.papstplc.com
Fit it. Forget it.
5246 PAPST cat REPRO
6/9/00
3:58 pm
Page 10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com