Electronic Components Datasheet Search
  English  ▼

X  

FP80 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FP80
Description  fan filter assemblies - PMFA T Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FP80 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FP80 Datasheet HTML 1Page - List of Unclassifed Manufacturers FP80 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All measurements in mm.
fan filter assemblies –
PMFA ‘T’ Series
Description
A family of low profile filter assemblies
designed for use with both 80mm2 and
119mm2 PAPST axial fans. In both cases,
the filter assemblies mount directly on to the
existing fixing locations. The ‘T’ series is a
compact design yet very robust for where
space is at a premium.
Construction
The assembly consists of four parts, an outer
cover, a filter pad, a mesh screen and
a finger guard. The cover, mesh and finger
guard are moulded in ‘Zytel’ nylon resin.
The inclusion of a finger guard as part of the
assembly will allow the filter medium to be
changed without the equipment having to be
switched off. The pad is manufactured from
white polyester type KS-22.
Filter Performance
The KS-22 pad will achieve a 60% dust
particle retention and is heat resistant to
100°C. A reduction in airflow of around
10-30% can be expected in some applications
when fitting the filter assembly.
Features
• Compact, low profile design
• Rigged construction
• Quick change filter pad
• Fits both 80mm2 and 119mm2 fans
• Utilise existing hole fixing positions
• Filter pad can be changed without switching
off fan as the finger guard remains in place.
Cover
Finger Guard
Mesh
Filter
Pad
A
B
C
Cover
D
Finger Guard
Dimensions
Fan size
A
B
C
D
80mm2
86.5
86.5
11
71.5
119mm2
126
126
13.5
104.8
Ordering information (filter assemblies)
Fan series
Size
Part number
8000
80mm2
PMFA80T
4000
119mm2
PMFA120T
Ordering information (spare filter pads)
Filter assembly
Pack details
Part number
PMFA80T
Pack of 5
FP80T
PMFA120T
Pack of 5
FP120T
air filters
Papst plc East Portway Andover Hampshire SP10 3RT
Tel +44 (0)1264 333388 Fax +44 (0)1264 332182 www.papstplc.com
Fit it. Forget it.
5246 PAPST cat REPRO
6/9/00
3:58 pm
Page 9


Similar Part No. - FP80

ManufacturerPart #DatasheetDescription
logo
Power-One
FP80 POWER-ONE-FP80 Datasheet
123Kb / 5P
Filter & Ring Core Chokes
logo
FSP TECHNOLOGY INC.
FP800 FSP-FP800 Datasheet
60Kb / 1P
Auto restart while AC is recovering
logo
DAESAN ELECTRONIC CORP.
FP801 DAESAN-FP801 Datasheet
321Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
FP802 DAESAN-FP802 Datasheet
321Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
FP803 DAESAN-FP803 Datasheet
321Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
More results

Similar Description - FP80

ManufacturerPart #DatasheetDescription
logo
ORION FANS
GRM40-30 ORIONFANS-GRM40-30 Datasheet
408Kb / 1P
Filter Assemblies
GRM92-30 ORIONFANS-GRM92-30 Datasheet
317Kb / 1P
Filter Assemblies
logo
CUI Devices
CFFA-400 CUID-CFFA-400 Datasheet
337Kb / 2P
FAN FILTER
08/05/2022
CFFA-600 CUID-CFFA-600 Datasheet
316Kb / 2P
FAN FILTER
08/05/2022
CFFA-800 CUID-CFFA-800 Datasheet
347Kb / 2P
FAN FILTER
08/05/2022
CFFA-920 CUID-CFFA-920 Datasheet
387Kb / 2P
FAN FILTER
08/05/2022
logo
CoolCox Limited All rig...
CCFA12CM COOLCOX-CCFA12CM Datasheet
1,006Kb / 1P
Fan Filter
CCFF12CM COOLCOX-CCFF12CM Datasheet
1Mb / 1P
Fan Filter
CCFF6CM COOLCOX-CCFF6CM Datasheet
1Mb / 1P
Fan Filter
CCFF8CM COOLCOX-CCFF8CM Datasheet
1Mb / 1P
Fan Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com