Electronic Components Datasheet Search
  English  ▼

X  

SEM910 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # SEM910
Description  High-Speed Spread Spectrum Ethernet Radio Modem Family
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SEM910 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  SEM910 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SEM910 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SEM910 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 3 of 3
©2008 by RF Monolithics, Inc.
SEM910 - 3/14/08
Specifications
SEM910
SEM910X
SEM910D
SEM910DX
Data Throughput
150 Kbps
Total Available Over-the-air
Bandwidth
172.8 Kbps
Interface
10/100BaseT
Network Topologies
Point-to-Point and Multipoint
Frequency Range
902MHz - 927MHz
RF Modulation
GFSK
RF Output Power
+27dBm at the RF Connector
Receive Sensitivity
-103dBm for 10-5 BER
Power
+9Vdc - +30Vdc
+12Vdc to +30Vdc
+9Vdc - +30Vdc
+12Vdc to +30Vdc
Enclosure Material
Aluminum
Aluminum
(network interface unit)
UV stabilized polycarbonate
(remote radio unit)
ABS
ABS
(network interface unit)
UV stabilized polycarbonate
(remote radio unit)
Enclosure Size
201 x 144 x 53
201 x 144 x 53
(network interface unit)
130 x 79 x 35
(remote radio unit)
140 x 118 x 48
140 x 118 x 48
(network interface unit)
130 x 79 x 35
(remote radio unit)
Operating Temperature
-40ºC to +70ºC
-40ºC to +70ºC
(network interface unit)
-40ºC to +70ºC
(remote radio unit)
-40ºC to +70ºC
-40ºC to +70ºC
(network interface unit)
-40ºC to +70ºC
(remote radio unit)
Certifications
FCC, IC, UL Class I Div 2
Connectors
Power
2-Terminal Connector
Ethernet
RJ-45
Configuration Port
RJ-11
Antenna
Reverse TNC
Indicators
Power
RF Link
Ethernet Transmit
Ethernet Receive
Link Status
XCVR OK



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com