Electronic Components Datasheet Search
  English  ▼

X  

PIPDECO Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # PIPDECO
Description  Eco Series Pigtailed Photodiode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

PIPDECO Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  PIPDECO Datasheet HTML 1Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S0322 - R04. (web) 20140703
CONTACT 46335 Landing Pkwy Fremont CA 94538 TEL : +1 (510) 933-7200 FAX : +1 (510) 933-7300 EMAIL : Sales@Oplink.com www.OPLINK.com
Key Features
Applications
Performance Specifications
Ordering Information
Dimensions
Mini Package
“P5 + 250 µm Bare Fiber” or “P5 + 900µm Loose Tube”
Mini Package
“P7 + 250 µm Bare Fiber” or “P7 + 900µm Loose Tube”
Regular Package
“P6 + 250 µm Bare Fiber” or “P6 + 900µm Loose Tube”
Parameters
Specification
Unit
Operating Wavelength Range
1260~1360
1510~1610
nm
Optical
Return Loss (exclude connector)
≥ 35
dB
Monitoring
Responsivity (relative to nominal
power at input port)
≥ 0.7
≥ 0.8
A/W
Responsivity Temperature
Dependence (@1310nm or 1550nm)
≤ 0.2
dB
Responsivity Polarization
Dependence
≤ 0.15
dB
PD
PD Dark Current
(@ 70°C, -5V bias)
0.5G Bandwidth
≤ 10
nA
2.0G Bandwidth
≤ 3
nA
Reverse Voltage (abs max rating)
≤ 20
V
Forward Current (abs max rating)
≤ 10
mA
Conditions
Input Optical Power
≤ 4
dBm
Operating Temperature Range
(<85%RH, Non-condensing)
-5 to +70
°C
Storage Temperature Range
(<85%RH, Non-condensing)
-40 to +85
°C
PIPD
Eco Series Pigtailed Photodiode
PIPD Eco Series
Mini Coaxial Package
Cost Effective
RoHS 6/6 Compliant
Network Power Monitoring
Test & Measurement
Instrumentation
1
G
O
C
E
Wavelength
Bandwidth
Package & Fiber Type
Fiber Length
0.5G = 05
2.0G = 20
P5+ 250µm bare fiber = 51
P5+ 900µm loose tube = 52
P6+ 250µm bare fiber = 61
P6+ 900µm loose tube = 62
P7+ 250µm bare fiber = 71
P7+ 900µm loose tube = 72
0.5meter = H
1.0meter = 1
1.5meter = 5
2.0meter = 2
Output Connector
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC/PC = 9
MU = A
LC/APC = B
1310nm = 3
C+L = E
1310/1550nm = D


Similar Part No. - PIPDECO

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PIPDECO-S0322 OPLINK-PIPDECO-S0322 Datasheet
208Kb / 1P
Eco Series Pigtailed Photodiode
More results

Similar Description - PIPDECO

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
PPA1515-155 HP-PPA1515-155 Datasheet
207Kb / 4P
Pigtailed PIN-PREAMP
logo
ANADIGICS, Inc
13PD100-F ANADIGICS-13PD100-F Datasheet
81Kb / 1P
High Speed Fiber Pigtailed InGaAs p-i-n Photodiode
logo
List of Unclassifed Man...
DN135 ETC2-DN135 Datasheet
317Kb / 2P
CURRENT TO VOLTAGE CONVERTER FOR PIGTAILED PHOTODIODE FIBER OPTIC POWER MONITORS
logo
Source Photonics, Inc.
R-11-055-P-SFC SOURCE-R-11-055-P-SFC Datasheet
565Kb / 3P
55um InGaAs PIN Photodiode Modules-pigtailed
logo
OPLINK Communications I...
PIPDECO-S0322 OPLINK-PIPDECO-S0322 Datasheet
208Kb / 1P
Eco Series Pigtailed Photodiode
logo
Rochester Electronics
SPL1310-1-9-PD ROCHESTER-SPL1310-1-9-PD Datasheet
274Kb / 2P
Pigtailed Coaxial Laser Diode
SPL1310-4-9-PD ROCHESTER-SPL1310-4-9-PD Datasheet
260Kb / 3P
Pigtailed Coaxial Laser Diode
logo
Roithner LaserTechnik G...
SPL785-20-4-PD ROITHNER-SPL785-20-4-PD Datasheet
169Kb / 3P
Pigtailed Coaxial Laser Diode
SPL785-20-4P-PD ROITHNER-SPL785-20-4P-PD Datasheet
169Kb / 3P
Pigtailed Coaxial Laser Diode
logo
OPLINK Communications I...
PIPDD20ECO51111G OPLINK-PIPDD20ECO51111G Datasheet
157Kb / 1P
Eco Series Pigtailed Photodiode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com