Electronic Components Datasheet Search
  English  ▼

X  

QCPC Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # QCPC
Description  Four Channel Pump Combiner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

QCPC Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  QCPC Datasheet HTML 1Page - OPLINK Communications Inc. QCPC Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
QCPC
Ordering Information
Mechanical Drawing / Package Dimensions (dimension in mm)
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
10.0
10.0
10.0
17.5
60.0
R1.5
5.0
3.0
DETAIL B
2.0
7.0
3.5
R2.5
100.0
VIEW B
80.0
3.TOL: .X = ±0.2, .XX = ±0.1.
2. MAT'L AND FINISH: AL6061, BLACK ANODIZE.
1. ALL DIMENSION ARE IN MILLIMETER.
NOTES: (UNLESS OTHERWISE SPECIFIED)
(5.0 X 3)15.0
TYP 4.0
76.0
4
4
1
Package & Fiber Type
Channel Spacing
Configuration
32 = P9 + 900 µm loose tube
33 = P3 + 3 mm cable
06 = 6.0-6.9nm
07 = 7.0-7.9nm
08 = 8.0-8.9nm
09 = 9.0-9.9nm
10 = 10nm
4 = 4x1
Shorter Wavelength
Fiber Length*
14AB = 14ABnm
0.5 Meter = H
1.0 Meter = 1
1.5 Meters = 5
2.0 Meters = 2
Connector Type
1 = None
2 = FC/PC
3 = FC/SPC
4 = FC/APC
5 = SC/PC
6 = SC/SPC
7 = SC/APC
8 = ST
9 = LC
A = MU
Four Channel Pump Combiner (1480)
QCPC Series
S0165 - R10. 20101101
* 1 meter is standard. The lead time for special fiber length will be longer.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com