Electronic Components Datasheet Search
  English  ▼

X  

MB3771PS Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB3771PS
Description  Power Supply Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB3771PS Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB3771PS Datasheet HTML 9Page - fujitsu semiconductor MB3771PS Datasheet HTML 10Page - fujitsu semiconductor MB3771PS Datasheet HTML 11Page - fujitsu semiconductor MB3771PS Datasheet HTML 12Page - fujitsu semiconductor MB3771PS Datasheet HTML 13Page - fujitsu semiconductor MB3771PS Datasheet HTML 14Page - fujitsu semiconductor MB3771PS Datasheet HTML 15Page - fujitsu semiconductor MB3771PS Datasheet HTML 16Page - fujitsu semiconductor MB3771PS Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MB3771
13
11. Low Voltage and Over Voltage Detection (VCC = 5 V)
VSH has no hysteresis. When over voltage is detected, RESET is held in the constant time as well as when
low voltage is detected.
VSL = (R1 + R2)
× VSB/R2
VSH = (R3 + R4)
× VSC/R4
12. Detection of Abnormal State of Power Supply System (VCC = 5 V)
• This Example circuit detects abnormal low/over voltage of power supply voltage and is indicated by LED
indicator. LED is reset by the CLEAR key.
• The detection levels of low/over voltages are determined by VSA, and R1 and R2 respectively.
CT
1
2
3
4
8
7
6
5
RESET
VCC
R1
MB3771
R2
R3
R4
RESET
VCC
VSL
VSH
1
2
3
4
8
7
6
5
VCC
R1
MB3771
R3: 620
Ω
R4:
1 k
Ω to 100 kΩ
CLEAR
R2
LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com