Electronic Components Datasheet Search
  English  ▼

X  

LP38842 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP38842
Description  1.5A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38842 Datasheet(HTML) 2 Page - Texas Instruments

  LP38842 Datasheet HTML 1Page - Texas Instruments LP38842 Datasheet HTML 2Page - Texas Instruments LP38842 Datasheet HTML 3Page - Texas Instruments LP38842 Datasheet HTML 4Page - Texas Instruments LP38842 Datasheet HTML 5Page - Texas Instruments LP38842 Datasheet HTML 6Page - Texas Instruments LP38842 Datasheet HTML 7Page - Texas Instruments LP38842 Datasheet HTML 8Page - Texas Instruments LP38842 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LP38842
SNVS291B – DECEMBER 2004 – REVISED SEPTEMBER 2006
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
CONNECTION DIAGRAM
Figure 1. TO-220, Top View
Figure 2. DDPAK/TO-263, Top View
Pin DESCRIPTIONS
Pin Name
Description
BIAS
The bias pin is used to provide the low current bias voltage to the chip which operates the internal circuitry and
provides drive voltage for the N-FET.
OUTPUT
The regulated output voltage is connected to this pin.
GND
This is both the power and analog ground for the IC. Note that both pin three and the tab of the TO-220 and
DDPAK/TO-263 packages are at ground potential. Pin three and the tab should be tied together using the PC board
copper trace material and connected to circuit ground.
INPUT
The high current input voltage which is regulated down to the nominal output voltage must be connected to this pin.
Because the bias voltage to operate the chip is provided separately, the input voltage can be as low as a few hundred
millivolts above the output voltage.
SHUTDOWN
This provides a low power shutdown function which turns the regulated output OFF. Tie to VBIAS if this function is not
used.
BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 2004–2006, Texas Instruments Incorporated
Product Folder Links: LP38842



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com