Electronic Components Datasheet Search
  English  ▼

X  

LP5996 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP5996
Description  Dual Linear Regulator with 300mA and 150mA Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5996 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP5996 Datasheet HTML 12Page - Texas Instruments LP5996 Datasheet HTML 13Page - Texas Instruments LP5996 Datasheet HTML 14Page - Texas Instruments LP5996 Datasheet HTML 15Page - Texas Instruments LP5996 Datasheet HTML 16Page - Texas Instruments LP5996 Datasheet HTML 17Page - Texas Instruments LP5996 Datasheet HTML 18Page - Texas Instruments LP5996 Datasheet HTML 19Page - Texas Instruments LP5996 Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LP5996SD-0833/NOPB
WSON
DSC
10
1000
210.0
185.0
35.0
LP5996SD-1018/NOPB
WSON
DSC
10
1000
210.0
185.0
35.0
LP5996SD-1525
WSON
DSC
10
1000
210.0
185.0
35.0
LP5996SD-1525/NOPB
WSON
DSC
10
1000
210.0
185.0
35.0
LP5996SD-1833/NOPB
WSON
DSC
10
1000
210.0
185.0
35.0
LP5996SD-2533/NOPB
WSON
DSC
10
1000
210.0
185.0
35.0
LP5996SD-2828
WSON
DSC
10
1000
210.0
185.0
35.0
LP5996SD-2828/NOPB
WSON
DSC
10
1000
210.0
185.0
35.0
LP5996SD-3030
WSON
DSC
10
1000
210.0
185.0
35.0
LP5996SD-3030/NOPB
WSON
DSC
10
1000
210.0
185.0
35.0
LP5996SD-3033
WSON
DSC
10
1000
210.0
185.0
35.0
LP5996SD-3033/NOPB
WSON
DSC
10
1000
210.0
185.0
35.0
LP5996SD-3308
WSON
DSC
10
1000
210.0
185.0
35.0
LP5996SD-3308/NOPB
WSON
DSC
10
1000
210.0
185.0
35.0
LP5996SD-3333
WSON
DSC
10
1000
210.0
185.0
35.0
LP5996SD-3333/NOPB
WSON
DSC
10
1000
210.0
185.0
35.0
LP5996SDX-0833
WSON
DSC
10
4500
349.0
337.0
45.0
LP5996SDX-0833/NOPB
WSON
DSC
10
4500
349.0
337.0
45.0
LP5996SDX-1018/NOPB
WSON
DSC
10
4500
349.0
337.0
45.0
LP5996SDX-1525
WSON
DSC
10
4500
349.0
337.0
45.0
LP5996SDX-1525/NOPB
WSON
DSC
10
4500
349.0
337.0
45.0
LP5996SDX-1833/NOPB
WSON
DSC
10
4500
349.0
337.0
45.0
LP5996SDX-2533/NOPB
WSON
DSC
10
4500
349.0
337.0
45.0
LP5996SDX-2828
WSON
DSC
10
4500
349.0
337.0
45.0
LP5996SDX-2828/NOPB
WSON
DSC
10
4500
349.0
337.0
45.0
LP5996SDX-3030
WSON
DSC
10
4500
349.0
337.0
45.0
LP5996SDX-3030/NOPB
WSON
DSC
10
4500
349.0
337.0
45.0
LP5996SDX-3033
WSON
DSC
10
4500
349.0
337.0
45.0
LP5996SDX-3033/NOPB
WSON
DSC
10
4500
349.0
337.0
45.0
LP5996SDX-3308
WSON
DSC
10
4500
349.0
337.0
45.0
LP5996SDX-3308/NOPB
WSON
DSC
10
4500
349.0
337.0
45.0
LP5996SDX-3333
WSON
DSC
10
4500
349.0
337.0
45.0
LP5996SDX-3333/NOPB
WSON
DSC
10
4500
349.0
337.0
45.0
PACKAGE MATERIALS INFORMATION
www.ti.com
14-Mar-2013
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com