Electronic Components Datasheet Search
  English  ▼

X  

MB3776APF Datasheet(PDF) 6 Page - fujitsu semiconductor

Part # MB3776APF
Description  Switching Regulator Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB3776APF Datasheet(HTML) 6 Page - fujitsu semiconductor

Back Button MB3776APF Datasheet HTML 2Page - fujitsu semiconductor MB3776APF Datasheet HTML 3Page - fujitsu semiconductor MB3776APF Datasheet HTML 4Page - fujitsu semiconductor MB3776APF Datasheet HTML 5Page - fujitsu semiconductor MB3776APF Datasheet HTML 6Page - fujitsu semiconductor MB3776APF Datasheet HTML 7Page - fujitsu semiconductor MB3776APF Datasheet HTML 8Page - fujitsu semiconductor MB3776APF Datasheet HTML 9Page - fujitsu semiconductor MB3776APF Datasheet HTML 10Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MB3776A
6
5.
Output Section
(Ta = +25
°C, VCC = 3 V)
6.
Control Section
(Ta = +25
°C, VCC = 3 V)
7.
All Device
(Ta = +25
°C, VCC = 3 V)
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
Output source current
ISOURCE
RB = 820
Ω, VO = 1 V
–40
–30
–20
mA
Output sink current
ISINK
RB = 820
Ω, VO = 0.3 V
30
60
—
mA
High-level output voltage
VOH
RB = 820
Ω, VO = 7 V
IO = –15 mA
5.5
6.0
—
V
Output voltage
VOL
VCTL = VCC, IO = 3
µA—
0.1
0.2
V
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
Input off condition
IOFF
—
–300
—
—
µA
Input on condition
ION
—
—
—
–700
µA
Control terminal current
ICTL
VCC = 7 V, VCTL = 0 V
–1.3
–1
—
mA
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
Stand by current
ICCS
VCTL = VCC or
CTL terminal open
——
0.5
µA
Average supply current
ICC
ICTL = –700
µA
RB = 820
Ω
—4.5
8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com