Electronic Components Datasheet Search
  English  ▼

X  

LP5951 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP5951
Description  Micropower, 150mA Low-Dropout CMOS Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5951 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP5951 Datasheet HTML 2Page - Texas Instruments LP5951 Datasheet HTML 3Page - Texas Instruments LP5951 Datasheet HTML 4Page - Texas Instruments LP5951 Datasheet HTML 5Page - Texas Instruments LP5951 Datasheet HTML 6Page - Texas Instruments LP5951 Datasheet HTML 7Page - Texas Instruments LP5951 Datasheet HTML 8Page - Texas Instruments LP5951 Datasheet HTML 9Page - Texas Instruments LP5951 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LP5951-1.3
TIME (10 µs/DIV)
IL = 150 mA
LP5951-3.3
TIME (10 µs/DIV)
IL = 150 mA
2.9
LP5951-1.3
CIN, COUT = 1.0 µF
2.3
TIME (100 µs/DIV)
IL = 150 mA
4.9
LP5951-3.3
CIN = 1.0 µF
COUT = 1.5 µF
4.3
TIME (100 µs/DIV)
IL = 150 mA
0
150
LP5951-1.3
CIN, COUT = 1.0 µF
TIME (50 µs/DIV)
0
150
LP5951-3.3
CIN = 1.0 µF
COUT = 1.5 µF
TIME (50 µs/DIV)
LP5951
SNVS345E – JUNE 2006 – REVISED JANUARY 2011
www.ti.com
Typical Performance Characteristics
Unless otherwise specified, CIN = 1µF ceramic, COUT = 1µF ceramic, VIN = VOUT(NOM) + 1V, TA = 25°C, Enable pin is tied to VIN.
Load Transient Response
Load Transient Response
Figure 3.
Figure 4.
Line Transient Response
Line Transient Response
Figure 5.
Figure 6.
Enable Start-up Time
Enable Start-up Time
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2006–2011, Texas Instruments Incorporated
Product Folder Links: LP5951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com