Electronic Components Datasheet Search
  English  ▼

X  

CXT2 Datasheet(PDF) 5 Page - Radiometrix Ltd

Part # CXT2
Description  Multi channel 25kHz NBFM remote control TX/RX
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

CXT2 Datasheet(HTML) 5 Page - Radiometrix Ltd

  CXT2 Datasheet HTML 1Page - Radiometrix Ltd CXT2 Datasheet HTML 2Page - Radiometrix Ltd CXT2 Datasheet HTML 3Page - Radiometrix Ltd CXT2 Datasheet HTML 4Page - Radiometrix Ltd CXT2 Datasheet HTML 5Page - Radiometrix Ltd CXT2 Datasheet HTML 6Page - Radiometrix Ltd CXT2 Datasheet HTML 7Page - Radiometrix Ltd CXT2 Datasheet HTML 8Page - Radiometrix Ltd CXT2 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Radiometrix Ltd
CXT/CXR – Multi channel Remote Controller Data Sheet
page 5
Pin description –CXR
Pin
Name
Function
1a
Vcc
3.1 – 15V power supply
2a
0V
Ground
3a
RXE
Receiver Enable (active high)
4a
RXD
Link to 4b
5a
N/C (AF out)
No connection, 700mV p-p audio. DC coupled, approx 0.8v bias.
1b
SI
Serial frequency programming / configuration
1
2b
A (out)
Main (latching) output
3b
B (out)
Secondary output
4b
R_in
Link to 4a
5b
RSSI
DC level between 0.5v and 2.2v. 60dB dynamic range
NOTES:
1.
Serial programming is by an inverted, CMOS logic level, 2400 baud RS232 datastream applied
to the SI pin.
2.
Do not exceed 3v logic levels on SI, A or B.
3.
SI input has pullup (50K) to 3v internal rail.
4.
A and B outputs are 3v cmos, active high. Up to 5mA may be drawn from each
5.
CX versions can be identified by the presence of C7, on the underside of the LMR series RX
board
Figure 4: CXR footprint (top view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com