Electronic Components Datasheet Search
  English  ▼

X  

MB3870 Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB3870
Description  Pentium II DC/DC Converter IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB3870 Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB3870 Datasheet HTML 9Page - fujitsu semiconductor MB3870 Datasheet HTML 10Page - fujitsu semiconductor MB3870 Datasheet HTML 11Page - fujitsu semiconductor MB3870 Datasheet HTML 12Page - fujitsu semiconductor MB3870 Datasheet HTML 13Page - fujitsu semiconductor MB3870 Datasheet HTML 14Page - fujitsu semiconductor MB3870 Datasheet HTML 15Page - fujitsu semiconductor MB3870 Datasheet HTML 16Page - fujitsu semiconductor MB3870 Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
MB3870
(Continued)
Triangular wave oscillator frequency vs.
Power supply voltage characteristics
Triangular wave oscillator frequency vs.
Timing resistance characteristics
Triangular wave oscillator frequency vs. Temperature characteristics
Power supply voltage VCC (V)
220
210
200
190
180
0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0
VB = 5 V, RT = 130 k
Ω
Timing resistance RT (k
Ω)
1000
100
10
10
100
1000
VCC = 5 V, VB = 5 V
Temperature Ta (
°C)
–40.0 –20.0
0.0
20.0
40.0
60.0
80.0 100.0
220
210
200
190
180
VCC = 5 V, VB = 5 V, RT = 130 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com