Electronic Components Datasheet Search
  English  ▼

X  

RN1303 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN1303
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1303 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN1303 Datasheet HTML 1Page - Toshiba Semiconductor RN1303 Datasheet HTML 2Page - Toshiba Semiconductor RN1303 Datasheet HTML 3Page - Toshiba Semiconductor RN1303 Datasheet HTML 4Page - Toshiba Semiconductor RN1303 Datasheet HTML 5Page - Toshiba Semiconductor RN1303 Datasheet HTML 6Page - Toshiba Semiconductor RN1303 Datasheet HTML 7Page - Toshiba Semiconductor RN1303 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RN1301~RN1306
2010-04-06
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
RN1301,RN1302,RN1303
RN1304,RN1305,RN1306
Switching, Inverter Circuit, Interface Circuit
and Driver Circuit Applications
With built-in bias resistors.
Simplify circuit design
Reduce a quantity of parts and manufacturing process
Complementary to RN2301 to RN2306
Equivalent Circuit and Bias Resistor Values
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
RN1301 to 1306
VCEO
50
V
RN1301 to 1304
10
Emitter-base voltage
RN1305, 1306
VEBO
5
V
Collector current
IC
100
mA
Collector power dissipation
PC
100
mW
Junction temperature
Tj
150
°C
Storage temperature range
RN1301 to 1306
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
JEDEC
―
JEITA
SC-70
TOSHIBA
2-2E1A
Weight: 6 mg (typ.)
Unit: mm
Type No.
R1 (kΩ)R2 (kΩ)
RN1301
4.7
4.7
RN1302
10
10
RN1303
22
22
RN1304
47
47
RN1305
2.2
47
RN1306
4.7
47
USM


Similar Part No. - RN1303

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1303 TOSHIBA-RN1303 Datasheet
251Kb / 7P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results

Similar Description - RN1303

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4602 TOSHIBA-RN4602 Datasheet
329Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
2SD2655 TOSHIBA-2SD2655 Datasheet
70Kb / 2P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL TYPE (PCT PROCESS)
Rev.1
RN4905 TOSHIBA-RN4905 Datasheet
162Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
07-Jun-2001
RN4607 TOSHIBA-RN4607 Datasheet
161Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
05-Jun-2001
RN4911 TOSHIBA-RN4911 Datasheet
177Kb / 6P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
07-Jun-2001
RN4605 TOSHIBA-RN4605 Datasheet
163Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
05-Jun-2001
RN4608 TOSHIBA-RN4608 Datasheet
157Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
05-Jun-2001
RN4603 TOSHIBA-RN4603 Datasheet
166Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
05-Jun-2001
TPCP8505 TOSHIBA-TPCP8505 Datasheet
205Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process
2SC1815L-GR TOSHIBA-2SC1815L-GR Datasheet
256Kb / 4P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com