Electronic Components Datasheet Search
  English  ▼

X  

MB3871 Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB3871
Description  Mobile Pentium II DC/DC Converter IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB3871 Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB3871 Datasheet HTML 17Page - fujitsu semiconductor MB3871 Datasheet HTML 18Page - fujitsu semiconductor MB3871 Datasheet HTML 19Page - fujitsu semiconductor MB3871 Datasheet HTML 20Page - fujitsu semiconductor MB3871 Datasheet HTML 21Page - fujitsu semiconductor MB3871 Datasheet HTML 22Page - fujitsu semiconductor MB3871 Datasheet HTML 23Page - fujitsu semiconductor MB3871 Datasheet HTML 24Page - fujitsu semiconductor MB3871 Datasheet HTML 25Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
MB3871
s REFERENCE DATA
(Continued)
100
95
90
85
80
75
70
65
60
55
50
0.1
1.0
10.0
Vin
= 7 V
Vin
= 15 V
Vin
= 22 V
Vin
= 11 V
Conversion efficiency vs Load current characteristics
(Output voltage = 1.8 V)
Load current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com