Electronic Components Datasheet Search
  English  ▼

X  

MB3881PFF Datasheet(PDF) 39 Page - fujitsu semiconductor

Part # MB3881PFF
Description  8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB3881PFF Datasheet(HTML) 39 Page - fujitsu semiconductor

Back Button MB3881PFF Datasheet HTML 32Page - fujitsu semiconductor MB3881PFF Datasheet HTML 33Page - fujitsu semiconductor MB3881PFF Datasheet HTML 34Page - fujitsu semiconductor MB3881PFF Datasheet HTML 35Page - fujitsu semiconductor MB3881PFF Datasheet HTML 36Page - fujitsu semiconductor MB3881PFF Datasheet HTML 37Page - fujitsu semiconductor MB3881PFF Datasheet HTML 38Page - fujitsu semiconductor MB3881PFF Datasheet HTML 39Page - fujitsu semiconductor MB3881PFF Datasheet HTML 40Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
MB3881
39
s
s
s
s PACKAGE DIMENSION
64-pin plastic LQFP
(FPT-64P-M16)
Dimensions in: mm (inches)
1999 FUJITSU LIMITED F64027SC-2-1
C
0.50±0.25
(.020±.010)
Details of "A" part
"A"
0.10(.004)
1
16
32
17
48
33
64
49
0.40(.016)
0.18±0.03
(.007±.001)
7.00±0.20(.276±.008)SQ
9.00±0.20(.354±.008)SQ
INDEX
3.5°±3.5°
(1.00(.039))
0.10±0.10
(.004±.004)
1.40±0.10
(.055±.004)
1.70(.067)MAX
.006 –.002
+.004
–0.05
+0.10
0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com