Electronic Components Datasheet Search
  English  ▼

X  

B4402 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B4402
Description  Universal Programmers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B4402 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B4402 Datasheet HTML 1Page - List of Unclassifed Manufacturers B4402 Datasheet HTML 2Page - List of Unclassifed Manufacturers B4402 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
E
Advanced search
SuperPro 3000U
SuperPro 3000U-100
SuperPro 3000U Cluster
SuperPro 580U
SuperPro 280U
SuperPro LX
SuperPro Z
SuperPro 9000U
Legacy Products
Socket Adapters
EPROM Erasers
Programmer Comparison
PIC Programming
Flash Programming
Nand Flash Programming
EPROM Programming
In-System Programming
Gang Programming
High Volume Production
BGA Adapters
Socket Adapter: PLCC (1)
SA:PLCC20
SA:PLCC28
Back to Socket Adapter page
Part #
BottomPCB
W*L(mm)
Pitch
Pin #
Price
SA001A
B001
9.0*9.0
1.27
20
$70.00
Part #
BottomPCB
W*L(mm)
Pitch
Pin #
Price
SA008A
B001
11.5*11.5
1.27
28
$85.00
SA017
-
11.5*11.5
1.27
28
$85.00
SA018
B001
11.5*11.5
1.27
28
$85.00
SA019
-
11.5*11.5
1.27
28
$85.00
Page 1 of 3
Xeltek Inc. :: Socket Adapter: PLCC (1)#PLCC20
2/13/2006
http://www.xeltek.com/pages.php?pageid=114


Similar Part No. - B4402

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44020 EPCOS-B44020 Datasheet
444Kb / 14P
Aluminum electrolytic capacitors Capacitors with screw terminals
B44020 EPCOS-B44020 Datasheet
240Kb / 13P
Aluminum electrolytic capacitors
B44020A0001B025 EPCOS-B44020A0001B025 Datasheet
329Kb / 10P
Accessories for capacitors with mounting stud on capacitor base
B44020A0001B025 EPCOS-B44020A0001B025 Datasheet
444Kb / 14P
Aluminum electrolytic capacitors Capacitors with screw terminals
B44020A0002B025 EPCOS-B44020A0002B025 Datasheet
329Kb / 10P
Accessories for capacitors with mounting stud on capacitor base
More results

Similar Description - B4402

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST62EXX-GP STMICROELECTRONICS-ST62EXX-GP Datasheet
98Kb / 2P
GANG PROGRAMMERS FOR ST62 MCU FAMILY
Aug-1998
logo
Silicon Laboratories
AN241 SILABS-AN241 Datasheet
261Kb / 30P
2.4 GHZ ZIGBEE?줟ETWORK APPLICATION INTERFACE PROGRAMMERS GUIDE
AN282 SILABS-AN282 Datasheet
881Kb / 22P
USB MASS STORAGE DEVICE REFERENCE DESIGN PROGRAMMERS GUIDE
logo
Linear Technology
LTC1699 LINER-LTC1699 Datasheet
254Kb / 20P
SMBus VID Voltage Programmers
logo
Aries Electronics, Inc.
LP300 ARIES-LP300 Datasheet
121Kb / 1P
Programmers and Shorting Plugs
logo
Linear Technology
LTC1699 LINER-LTC1699_15 Datasheet
260Kb / 20P
SMBus VID Voltage Programmers
logo
Silicon Laboratories
AN169 SILABS-AN169 Datasheet
156Kb / 36P
PROGRAMMERS GUIDE
AN452 SILABS-AN452 Datasheet
113Kb / 26P
WIRELESS M-BUS STACK PROGRAMMERS GUIDE
logo
Aries Electronics, Inc.
16003 ARIES-16003 Datasheet
192Kb / 1P
Programmers and Shorting Plugs
logo
STMicroelectronics
ST6-EPB STMICROELECTRONICS-ST6-EPB Datasheet
48Kb / 3P
ST6 EPROM programmers
22-Oct-2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com